Electronic Components Datasheet Search
  English  ▼

X  

LTC4065 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LTC4065
Description  Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4065 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LTC4065 Datasheet HTML 1Page - Linear Integrated Systems LTC4065 Datasheet HTML 2Page - Linear Integrated Systems LTC4065 Datasheet HTML 3Page - Linear Integrated Systems LTC4065 Datasheet HTML 4Page - Linear Integrated Systems LTC4065 Datasheet HTML 5Page - Linear Integrated Systems LTC4065 Datasheet HTML 6Page - Linear Integrated Systems LTC4065 Datasheet HTML 7Page - Linear Integrated Systems LTC4065 Datasheet HTML 8Page - Linear Integrated Systems LTC4065 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC4065L/
LTC4065LX/LTC4065L-4.1
1
4065lfb
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Standalone 250mA Li-Ion
Battery Charger in 2 × 2 DFN
The LTC®4065L is a complete constant-current/constant-
voltage linear charger for single-cell lithium-ion batteries.
Its small size and ability to accurately regulate low charge
currents make the LTC4065L especially well-suited for
portable applications using low capacity rechargeable
lithium-ion cells. Furthermore, LTC4065L is specifically
designed to work within USB power specifications.
The CHRG pin indicates when charge current has dropped
to ten percent of its programmed value (C/10). An internal
timer terminates charging according to battery manufac-
turer specifications.
The LTC4065L-4.1 features a constant-voltage float voltage
of 4.1V. This 4.1V version of the standard LTC4065L is in-
tendedforback-uporhighambienttemperatureapplications.
Under these conditions, a reduced float voltage will trade-
off initial cell capacity for the benefit of increased capacity
retention over the life of the battery. A reduced float voltage
also minimizes swelling in prismatic and polymer cells.
When the input supply (wall adapter or USB supply) is
removed, the LTC4065L automatically enters a low current
state, dropping battery drain current to less than 1μA. With
power applied, LTC4065L can be put into shutdown mode,
reducing the supply current to less than 20μA.
The full-featured LTC4065L also includes automatic re-
charge, low-battery charge conditioning (trickle charging)
and soft-start (to limit inrush current).
Standalone Li-Ion Battery Charger
Complete Charge Cycle (180mAh Battery)
LTC4065L and LTC4065LX
APPLICATIONS
n Charge Current Programmable up to 250mA with
5% Accuracy
n Complete Linear Charger in 2mm × 2mm DFN Package
n C/10 Charge Current Detection Output
n Timer Termination
n No External MOSFET, Sense Resistor or Blocking
Diode Required
n Preset Float Voltage with 0.6% Accuracy:
4.2V for LTC4065L/LTC4065LX
4.1V for LTC4065L-4.1
n Constant-Current/Constant-Voltage Operation with
Thermal Feedback to Maximize Charging Rate
Without Risk of Overheating
n Charge Current Monitor Output for Gas Gauging
n Automatic Recharge
n Charges Single Cell Li-Ion Batteries Directly from
USB Port
n 20μA Supply Current in Shutdown Mode
n Available Without Trickle Charge (LTC4065LX)
n Tiny 6-Lead (2mm × 2mm) DFN Package
n Charger for Li-Ion Coin Cell Batteries
n Portable MP3 Players, Wireless Headsets
n Bluetooth Applications
n Multifunction Wristwatches
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6522118, 6700364.
+
VCC
R1
510Ω
100mA
R3
2k
4065L TA01
4.2V
Li-Ion
BATTERY
VIN
4.3V TO 5.5V
C1
1μF
LTC4065L
CHRG
EN
BAT
PROG
GND
TIME (HOURS)
0
30
90
100
110
1
2
2.5
4065 TA02
10
70
50
20
80
0
60
40
4.3
3.5
4.1
3.3
3.9
3.7
0.5
1.5
3
3.5
4
4.5
CONSTANT
CURRENT
CONSTANT
VOLTAGE
CHRG
TRANSITION
CHARGE
TERMINATION
VCC = 5V
RPROG = 2k


Similar Part No. - LTC4065

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065 LINER-LTC4065 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065 LINER-LTC4065 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065 LINER-LTC4065 Datasheet
290Kb / 24P
USB Power Manager with Ideal Diode Controller and Li-Ion Charger
logo
Linear Integrated Syste...
LTC4065 LINEAR-LTC4065 Datasheet
206Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
More results

Similar Description - LTC4065

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
Standalone 250mA Li-Ion Battery Charger
LTC4065L-4.1 LINER-LTC4065L-4.1_15 Datasheet
200Kb / 18P
Standalone 250mA Li-Ion Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com