Electronic Components Datasheet Search
  English  ▼

X  

AMS803 Datasheet(PDF) 5 Page - Advanced Monolithic Systems Ltd

Part # AMS803
Description  Precision supply-voltage monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS803 Datasheet(HTML) 5 Page - Advanced Monolithic Systems Ltd

  AMS803 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS803 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS803 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS803 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS803 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS803 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS803 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS803 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DC Electrical Characteristics
(VCC = VRN + 5% to 5.5V, TA= -40~85ºC, unless otherwise noted.)(Note 1)
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
VCC
Operating Voltage Range
-
1.0
-
5.5
V
ICC
Supply Current
Vcc < 5.5V, AMS8xxL/M
-
10
30
ICC
Supply Current
Vcc < 3.6V, AMS8xxR/S/T/Z
-
10
30
µA
AMS809M
VRN -1.1%
VRN
VRN +1.1%
TA= 25ºC
All except
809M
VRN - 1.5%
VRN
VRN + 1.5%
TA= -40 ~ 85ºC
AMS809M
VRN - 1.8%
VRN
V RN + 2%
VRST
(V
RTH-)
Threshold Voltage(Falling-
edge)(Note 2)
TA= -40 ~ 85ºC
All except
809M
VRN - 2.5%
VRN
VRN + 2.5%
V
VRTH+
Threshold Voltage(Rising-
edge) (Note 2)
TA= -40 ~ 85ºC
AMS809M
4.232
4.31
4.396
VRTH
Reset Threshold Hysteresis
(Note 2)
Vcc varies between VRN ± 5%
(Only for 8xxL/M)
-
50
-
mV
Vcc
≥ 4.5V Isource=800µA
Vcc-1.5
-
-
Vcc
≥ 2.7V Isource=500µA
0.8×Vcc
-
-
Vcc
≥ 1.8V Isource=150µA
0.8×Vcc
-
-
VOH
Output High Voltage
Vcc
≥ 1.0V Isource=4µA
0.8×Vcc
-
-
V
Vcc
≥ 4.5V Isink=3.2mA
-
-
0.4
Vcc
≥ 2.7V Isink=1.2mA
-
-
0.3
VOL
Output Low Voltage
Vcc
≥ 1.0V Isink=100µA
-
-
0.3
V
Note: 1. Parameters of room temperature guaranteed by production test and parameters of full-temperature guaranteed by design.
2. VRST is Reset threshold voltage when VCC falls from high to low level. VRN is nominal reset threshold voltage.
AC Electrical Characteristics
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
-
8xxT/S/R/Z
140
240
560
tRS
Reset Pulse Width
TA= 25ºC
8xxL/M
140
200
280
ms
Reset Timing Diagram
VCC
t
RS
RESET
V
RST
V
RST + VRTH
AMS803/09/10
Advanced Monolithic Systems http://www.ams-semitech.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com