Electronic Components Datasheet Search
  English  ▼

X  

AMS494CD Datasheet(PDF) 1 Page - Advanced Monolithic Systems Ltd

Part # AMS494CD
Description  Internal regulator provides a stable 5V reference supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS494CD Datasheet(HTML) 1 Page - Advanced Monolithic Systems Ltd

  AMS494CD Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS494CD Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS494CD Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS494CD Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS494CD Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS494CD Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS494CD Datasheet HTML 7Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
• Internal regulator provides a stable 5V reference supply
trimmed to 5%
• Uncommitted output TR for 200mA sink or source
current
• Output control for push-pull or single-ended operation
• Variable duty cycle by dead time control (pin 4) Complete
PWM control circuit
• On-chip oscillator with master or slave operation
• Internal circuit prohibits double pulse at either output
Description
The AMS494 is used for the control circuit of the PWM
switching regulator. The AMS494 consists of 5V reference
voltage circuit, two error amplifiers, flip flop, an output con-
trol circuit, a PWM comparator, a dead time comparator and
an oscillator. This device can be operated in the switching
frequency of 1 KHz to 300 KHz.
Internal Block Diagram
PIN CONFIGURATION
(Top View)
1
2
3
4
5
6
7
12
13
14
15
16
8
9
10
11
1C
2C
3C
4C
5C
6C
7C
COM
1B
2B
3B
4B
5B
6B
7B
E
AMS494
Advanced Monolithic Systems http://www.ams-semitech.com
1


Similar Part No. - AMS494CD

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4040 ADMOS-AMS4040 Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040AL ADMOS-AMS4040AL Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040AM ADMOS-AMS4040AM Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040AN ADMOS-AMS4040AN Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040AS ADMOS-AMS4040AS Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - AMS494CD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5130 MAXIM-MAX5130 Datasheet
291Kb / 20P
3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
logo
Panasonic Semiconductor
MN103S83D PANASONIC-MN103S83D Datasheet
123Kb / 3P
5V single power supply (regulator)
logo
Advanced Monolithic Sys...
AMS7500 AMS-AMS7500 Datasheet
198Kb / 7P
Internal regulator provides a stable 5V reference supply trimmed to 5%
logo
Maxim Integrated Produc...
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
IK Semicon Co., Ltd
ILA1062 IKSEMICON-ILA1062 Datasheet
239Kb / 11P
Provides a supply for external circuits
logo
Texas Instruments
DAC7562 TI1-DAC7562_15 Datasheet
1Mb / 60P
Internal Reference
DAC7562T TI1-DAC7562T Datasheet
1Mb / 60P
Internal Reference
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
Internal Bandgap Reference
08/20/13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com