Electronic Components Datasheet Search
  English  ▼

X  

AMS812 Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS812
Description  Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS812 Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS812 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS812 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS812 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS812 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS812 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS812 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS812 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS812 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 5V for L/M versions, VCC = 3.3V for T/S versions, VCC = 3V for R version, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ......................................................................-0.3V to 6.0V
All Other Inputs.......................................-0.3V to (VCC + 0.3V)
Input Current, VCC, MR .......................................................20mA
Output Current, RESET or RESET .......................................20mA
Continuous Power Dissipation (TA = +70°C)
SOT143 (derate 4mW/°C above +70°C) .......................320mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
ISOURCE = 150µA, 1.8V < VCC < VTH(MIN)
AMS81_R/S/T,
VCC = 3.6V, IOUT = 0
AMS81_L/M,
VCC = 5.5V, IOUT = 0
TA = -40°C to +85°C
VOD= 125mV, AMS81_R/S/T
VOD= 125mV, AMS81_L/M
AMS81_S
AMS81_L
AMS81_M
VCC = VTH(MAX)
CONDITIONS
0.8 x VCC
2.3
VIH
µs
0.5
tMD
MR to Reset Propagation Delay
(Note 2)
ns
100
MR Glitch Immunity (Note 3)
µs
10
tMR
MR Minimum Pulse Width
ms
140
560
tRP
Reset Active Timeout Period
µA
2.7
10
ICC
Supply Current
615
V
1.2
VCC
Operating Voltage Range
µs
20
VCC to Reset Delay (Note 2)
40
2.88
2.93
2.98
3.03
3.08
3.14
Reset Threshold
4.54
4.63
4.72
4.50
4.75
4.30
4.38
4.46
4.25
4.50
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
AMS812L/M only,
I
SINK = 3.2mA,
VCC = VTH(MAX)
AMS812R/S/T only,
I
SINK = 1.2mA,
VCC = VTH(MAX)
V
0.4
VOL
RESET Output Voltage
(AMS812)
0.3
VOH
VCC > VTH(MAX) , AMS81_L/M
0.8
VIL
VCC > VTH(MAX) , AMS81_R/S/T
V
0.25 x VCC
VIL
MR Input Threshold
0.7 x VCC
VIH
k
Ω
10
20
30
MR Pull-Up Resistance
TA = 0°C to +70°C
1.0
5.5
3.00
3.15
2.85
3.00
ppm/°C
30
Reset Threshold Tempco
AMS81_R
2.58
2.63
2.68
2.55
2.70
TA = +25°C
TA = -40°C to +85°C
TA = +25°C
TA = -40°C to +85°C
AMS81_T
TA = +25°C
TA = -40°C to +85°C
TA = +25°C
TA = -40°C to +85°C
TA = +25°C
TA = -40°C to +85°C
VTH
V
AMS811/812
2
Advanced Monolithic Systems http://www.ams-semitech.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com