Electronic Components Datasheet Search
  English  ▼

X  

AMS4558 Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS4558
Description  Operating voltage: 짹3V 節왖?8V.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS4558 Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS4558 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS4558 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS4558 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS4558 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS4558 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS4558 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS4558 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Pin NO.
Description
OUT1
1
Output 1
IN1-
2
Inverting input1
IN1+
3
Non- Inverting input1
V-
4
VEE
IN2+
5
Non- Inverting input2
IN2-
6
Inverting input2
OUT2
7
Output 2
V+
8
VCC
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC
+18
V
VEE
-18
Differential Input Voltage
VID
±30
V
Input Voltage
VIC
±15
V
Power Dissipation
PD
DIP
500
mW
SOIC
250
Operating Temperature Range
TOP
­40 to 85
℃
Storage Temperature Range
TSTG
­60 to 150
℃
Page 2 of 7
Pin Description
AMS 4558



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com