Electronic Components Datasheet Search
  English  ▼

X  

LM119 Datasheet(PDF) 1 Page - Linear Technology

Part # LM119
Description  Guaranteed Maximum 0.5mV Input Offset Voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM119 Datasheet(HTML) 1 Page - Linear Technology

  LM119 Datasheet HTML 1Page - Linear Technology LM119 Datasheet HTML 2Page - Linear Technology LM119 Datasheet HTML 3Page - Linear Technology LM119 Datasheet HTML 4Page - Linear Technology LM119 Datasheet HTML 5Page - Linear Technology LM119 Datasheet HTML 6Page - Linear Technology LM119 Datasheet HTML 7Page - Linear Technology LM119 Datasheet HTML 8Page - Linear Technology LM119 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT119A/LT319A
LM119/LM319
1
119a319afc
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual Comparator
The LT®119A is an improved version of the LM119 dual
comparator. It features lower input offset voltage and
offset current, higher voltage gain, guaranteed common
mode rejection and input protection diodes.
The LT119A is capable of operation over a supply range
from 5V to ±15V and can drive 25mA loads from each
open collector output. A separate ground pin allows the
LT119A to isolate system grounds.
Linear Technology Corporation’s advanced processing,
designtechniquesandreliabilitymaketheLT119A/LT319A
an ideal choice over previous devices in most comparator
applications.
Window Detector*
Response Time For Various Input Overdrives
APPLICATIONS
n
Guaranteed Maximum 0.5mV Input Offset Voltage
n
Input Protection Diodes
n
Operates From Single 5V Supply
n
25mA Drive Capability
n
80ns Response Time
n
Window Detectors
n
High Speed One Shot
n
Relay/Lamp Drivers
n
Voltage Controlled Oscillators
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
–
+
–
+
5V
500
TTL OUTPUT
LT119/319 TA1
1
10
3
4
8
9
5
7
6
2
1/2 LT319A
1/2 LT319A
VUT
VOUT = 5V FOR
VLT ≤ VIN ≤ VUT
VOUT = 0V FOR
VIN ≤ VLT OR VIN ≤ VUT
VIN
VLT
*ALLOWED WINDOW FOR SINGLE 5V SUPPLY IS 1.2V TO 3.8V
TIME (ns)
0
50
0
1
2
4
50
150 200
LT119/319 TA2
100
5
6
3
0
100
250 300 350
20mV
2mV
5mV
VS = ±15V
RL = 500
V++ = 5V
TA = 25°C


Similar Part No. - LM119

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
High Speed Dual Comparator
logo
Linear Technology
LM119 LINER-LM119 Datasheet
240Kb / 8P
Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
359Kb / 18P
HIGH SPEED DUAL COMPARATOR
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119 Datasheet
182Kb / 9P
HIGH SPEED DUAL COMPARATORS
Jun-2002
LM119 STMICROELECTRONICS-LM119 Datasheet
589Kb / 12P
High speed dual comparators
28-Jan-2007
More results

Similar Description - LM119

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8677 AD-AD8677 Datasheet
290Kb / 16P
130 uV Maximum Offset Voltage Op Amp in TSOT
11/05-Revision 0
OP07D AD-OP07D Datasheet
339Kb / 16P
150 關V Maximum Offset Voltage Op Amp
REV. 0
AD8677 AD-AD8677_15 Datasheet
328Kb / 16P
130 V Maximum Offset Voltage
REV. A
OP07D AD-OP07D_15 Datasheet
251Kb / 16P
150 V Maximum Offset Voltage Op Amp
REV. A
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Rohm
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
logo
Seiko Instruments Inc
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
Input Voltage Range (Maximum Rating)
April 1, 2012
logo
Analog Devices
OP07D AD-OP07D_16 Datasheet
286Kb / 17P
150 關V Maximum Offset Voltage Op Amp
Rev. A
logo
Maxim Integrated Produc...
MAX77757HEVKIT360 MAXIM-MAX77757HEVKIT360 Datasheet
795Kb / 9P
13.7V Maximum Input Operating Voltage
319-100689; Rev 1; 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com