Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3477
Description  Full-Featured LED Driver with 1.5A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 4 Page - Linear Technology

  LT3477 Datasheet HTML 1Page - Linear Technology LT3477 Datasheet HTML 2Page - Linear Technology LT3477 Datasheet HTML 3Page - Linear Technology LT3477 Datasheet HTML 4Page - Linear Technology LT3477 Datasheet HTML 5Page - Linear Technology LT3477 Datasheet HTML 6Page - Linear Technology LT3477 Datasheet HTML 7Page - Linear Technology LT3477 Datasheet HTML 8Page - Linear Technology LT3477 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3517
4
3517ff
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2) VIN = 5V, SHDN = 5V, PWM = 5V unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
VISP – VISN Threshold vs VCTRL
Switch Current Limit
vs Duty Cycle
Oscillator Frequency vs RT
VCTRL (V)
0
0
20
40
60
80
0.4
0.8
1.2
1.6
3518 G01
100
120
0.2
0.6
1.0
1.4
VIN = 5V
VISP = 24V
VC = 1V
TA = 25°C
RT (kΩ)
1
100
1000
10000
10
100
3518 G03
TA = 25°C
DUTY CYCLE (%)
0
0
0.5
1.0
1.5
2.0
20
40
60
80
3517 G02
100
TA = 25°C
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3517E is guaranteed to meet performance specifications
from 0°C to 125°C operating junction temperature range. Specifications
over the –40°C to 125°C operating junction temperature range are
assured by design, characterization and correlation with statistical
process controls. The LT3517I is guaranteed over the full –40°C to 125°C
operating junction temperature range. The LT3517H is guaranteed over
the full –40°C to 150°C operating junction temperature range. Operating
lifetime is derated at junction temperatures greater than 125°C.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TGEN Input High Voltage
1.5
V
TGEN Input Low Voltage
0.4
V
TGEN Pin Bias Current
TGEN = 5V
100
200
μA
VREF Pin Voltage
IREF = –100μA
●
1.96
2
2.04
V
VREF Pin Voltage Line Regulation
3V < VIN < 40V
0.03
%/V
Gate Turn-On Delay
CLOAD = 1nF Between ISP and TG
200
ns
Gate Turn-Off Delay
CLOAD = 1nF Between ISP and TG
200
ns
Top Gate Drive VGS (VISP – VTG)VISP = 24V, TGEN = 5V
PWM = 0V
7
0
0.3
V
V
Note 3: Absolute maximum voltage at VIN, SHDN, PWM and TGEN pins
is 40V for nonrepetitive 1 second transients and 30V for continuous
operation.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed the maximum operating junction temperature
when overtemperature protection is active. Continuous operation above
the specified maximum operating junction temperature may impair device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com