Electronic Components Datasheet Search
  English  ▼

X  

LTC3407 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3407
Description  Monolithic Dual Tracking 2A Step-Down Switching
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3407 Datasheet HTML 14Page - Linear Technology LTC3407 Datasheet HTML 15Page - Linear Technology LTC3407 Datasheet HTML 16Page - Linear Technology LTC3407 Datasheet HTML 17Page - Linear Technology LTC3407 Datasheet HTML 18Page - Linear Technology LTC3407 Datasheet HTML 19Page - Linear Technology LTC3407 Datasheet HTML 20Page - Linear Technology LTC3407 Datasheet HTML 21Page - Linear Technology LTC3407 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LT3510
18
3510fe
input and output voltages, and on the arrangement of the
boost circuit. The Typical Performance Characteristics
section shows plots of the minimum load current to start
and to run as a function of input voltage for 3.3V and 5V
outputs. In many cases the discharged output capacitor
will present a load to the switcher which will allow it to
start. The plots show the worst-case situation where VIN is
ramping very slowly. Use a Schottky diode for the lowest
start-up voltage.
Frequency Compensation
The LT3510 uses current mode control to regulate the
output. This simplifies loop compensation. In particular, the
LT3510 does not require the ESR of the output capacitor
for stability so you are free to use ceramic capacitors to
achieve low output ripple and small circuit size.
Frequency compensation is provided by the components
tied to the VC pin. Generally a capacitor and a resistor in
series to ground determine loop gain. In addition, there
is a lower value capacitor in parallel. This capacitor is not
part of the loop compensation but is used to filter noise
at the switching frequency.
Loop compensation determines the stability and transient
performance. Designing the compensation network is a bit
complicated and the best values depend on the application
and in particular the type of output capacitor. A practical
approach is to start with one of the circuits in this data
sheet that is similar to your application and tune the com-
pensation network to optimize the performance. Stability
should then be checked across all operating conditions,
including load current, input voltage and temperature.
The LT1375 data sheet contains a more thorough discus-
sion of loop compensation and describes how to test the
stability using a transient load.
Figure 6 shows an equivalent circuit for the LT3510 control
loop. The error amp is a transconductance amplifier with
finite output impedance. The power section, consisting of
the modulator, power switch and inductor, is modeled as
a transconductance amplifier generating an output cur-
rent proportional to the voltage at the VC pin. Note that
Figure 5. BST Pin Considerations
VIN
VIN
VX > VIN + 3V
BST
D2
GND
LT3510
SW
IND
VOUT
VBST – VSW = VX
VBST(MAX) = VX
VX(MIN) = VIN + 3V
VOUT < 3V
3510 F05
VIN
VIN
VX = LOWEST VIN
OR VOUT > 3V
BST
D2
GND
LT3510
SW
IND
VOUT
VBST – VSW = VX
VBST(MAX) = VIN + VX
VX(MIN) = 3V
VOUT < 3V
C3
VIN
VIN
BST
D2
GND
(5d)
(5c)
(5b)
LT3510
SW
IND
VOUT
VBST – VSW = VIN
VBST(MAX) = 2 • VIN
VOUT < 3V
C3
VIN
VIN
BST
D2
GND
(5a)
LT3510
SW
IND
VOUT
VBST – VSW = VOUT
VBST(MAX) = VIN + VOUT
VOUT
C3
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com