Electronic Components Datasheet Search
  English  ▼

X  

LT3012 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3012
Description  3關A IQ, 20mA Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3012 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3012 Datasheet HTML 2Page - Linear Technology LT3012 Datasheet HTML 3Page - Linear Technology LT3012 Datasheet HTML 4Page - Linear Technology LT3012 Datasheet HTML 5Page - Linear Technology LT3012 Datasheet HTML 6Page - Linear Technology LT3012 Datasheet HTML 7Page - Linear Technology LT3012 Datasheet HTML 8Page - Linear Technology LT3012 Datasheet HTML 9Page - Linear Technology LT3012 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3009 Series
6
3009fd
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
TEMPERATURE (°C)
3009 G03
ILOAD = 20mA
–50 –25
0
25
50
75
100 125 150
OUTPUT CURRENT (mA)
0
0
50
150
200
250
10
20
450
100
515
300
350
400
3009 G01
TA = 125°C
TA = 25°C
ILOAD = 20mA
TEMPERATURE (°C)
0
50
150
200
250
450
100
300
350
400
3009 G02
20mA
10mA
1mA
100μA
–50 –25
0
25
50
75
100 125 150
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage
Dropout Voltage
Minimum Input Voltage
ADJ Pin Voltage
TEMPERATURE (°C)
3009 G04
0.596
0.608
0.610
0.612
0.590
0.592
0.604
0.600
0.594
0.606
0.588
0.602
0.598
–50 –25
0
25
50
75
100 125 150
ILOAD = 100μA
TA = 25°C, unless otherwise noted.
Output Voltage
LT3009-1.2
Output Voltage
LT3009-1.5
TEMPERATURE (°C)
3009 G27
1.192
1.216
1.220
1.224
1.180
1.184
1.208
1.200
1.188
1.212
1.176
1.204
1.196
–50 –25
0
25
50
75
100 125 150
ILOAD = 100μA
Output Voltage
LT3009-2.5
Output Voltage
LT3009-3.3
TEMPERATURE (°C)
3009 G06
3.278
3.344
3.355
3.366
3.245
3.256
3.322
3.300
3.267
3.333
3.234
3.311
3.289
–50 –25
0
25
50
75
100 125 150
ILOAD = 100μA
Output Voltage
LT3009-1.8
TEMPERATURE (°C)
3009 G05
1.788
1.824
1.830
1.836
1.770
1.776
1.812
1.800
1.782
1.818
1.764
1.806
1.794
–50 –25
0
25
50
75
100 125 150
ILOAD = 100μA
TEMPERATURE (°C)
3009 G28
1.490
1.520
1.525
1.530
1.475
1.480
1.510
1.500
1.485
1.515
1.470
1.505
1.495
–50 –25
0
25
50
75
100 125 150
ILOAD = 100μA
TEMPERATURE (°C)
3009 G29
2.47
2.53
2.54
2.55
2.51
2.49
2.46
2.52
2.45
2.50
2.48
–50 –25
0
25
50
75
100 125 150
ILOAD = 100μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com