Electronic Components Datasheet Search
  English  ▼

X  

LT3085 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3085
Description  1.5A, Low Noise, Negative Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 1 Page - Linear Technology

  LT3085 Datasheet HTML 1Page - Linear Technology LT3085 Datasheet HTML 2Page - Linear Technology LT3085 Datasheet HTML 3Page - Linear Technology LT3085 Datasheet HTML 4Page - Linear Technology LT3085 Datasheet HTML 5Page - Linear Technology LT3085 Datasheet HTML 6Page - Linear Technology LT3085 Datasheet HTML 7Page - Linear Technology LT3085 Datasheet HTML 8Page - Linear Technology LT3085 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3015
1
3015f
TYPICAL APPLICATION
FEATURES
DESCRIPTION
1.5A, Low Noise,
Negative Linear Regulator
with Precision Current Limit
The LT®3015 is a low noise, low dropout, negative linear
regulator with fast transient response. The device supplies
up to 1.5A of output current at a typical dropout voltage
of 310mV. Operating quiescent current is typically 1.1mA
and drops to < 1μA in shutdown. Quiescent current is also
well controlled in dropout. In addition to fast transient
response, the LT3015 exhibits very low output noise,
making it ideal for noise sensitive applications.
The LT3015 regulator is stable with a minimum 10μF output
capacitor. Moreover, the regulator can use small ceramic
capacitors without the necessary addition of ESR as is
common with other regulators. Internal protection circuitry
includes reverse output protection, precision current limit
with foldback and thermal limit with hysteresis.
The LT3015 is available as an adjustable device with a
–1.22V reference voltage. Packages include the 5-lead
TO-220 and DD-Pak, a thermally enhanced 12-lead MSOP
and the low profile (0.75 mm) 8-lead 3mm
× 3mm DFN.
–5V, –1.5A, Low-Noise Regulator
APPLICATIONS
n Output Current: 1.5A
n Dropout Voltage: 310mV
n Precision Current Limit with Foldback
n Low Output Noise: 60μVRMS (10Hz to 100kHz)
n Low Quiescent Current: 1.1mA
n Precision Positive or Negative Shutdown Logic
n Fast Transient Response
n Wide Input Voltage Range: –1.8V to –30V
n Adjustable Output Voltage Range: –1.22V to –29.5V
n Controlled Quiescent Current in Dropout
n < 1μA Quiescent Current in Shutdown
n Stable with 10μF Output Capacitor
n Stable with Ceramic, Tantalum or Aluminum Capacitors
n Thermal Limit with Hysteresis
n Reverse Output Protection
n 5-Lead TO-220 and DD-Pak, Thermally Enhanced
12-Lead MSOP and 8-Lead 3mm
× 3mm × 0.75mm
DFN Packages
n Post-Regulator for Switching Supplies
n Negative Logic Supplies
n Low Noise Instrumentation
n Industrial Supplies
n Negative Complement to the LT1963A
L, LT, LTC, LTM, ThinSOT, Linear Technology and the Linear logo are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
GND
ADJ
OUT
SHDN
IN
LT3015
10μF
10μF
3.40k
1%
10.5k
1%
VOUT
–5V
–1.5A
VIN
–5.5V TO
–30V
3015 TA01
Dropout Voltage
LOAD CURRENT (A)
0
0
400
350
300
250
200
150
100
50
450
–0.8 –1.0 –1.2 –1.4 –1.6
–0.2 –0.4
3015 TA01a
–0.6
TJ = 25°C
DD-PAK/TO-220
DFN/MSOP


Similar Part No. - LT3085

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
297Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
264Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3085 LINER-LT3085 Datasheet
237Kb / 20P
3關A IQ, 20mA, 45V Low Dropout Linear Regulators
More results

Similar Description - LT3085

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086_07 Datasheet
200Kb / 16P
1.5A LOW DROPOUT LINEAR REGULATOR
logo
Linear Technology
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3091EDE LINER-LT3091EDE Datasheet
536Kb / 8P
??6V, 1.5A Negative Linear Regulator
logo
Anaren Microwave
MSK5173 ANAREN-MSK5173 Datasheet
808Kb / 8P
1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
MSK5973RH ANAREN-MSK5973RH Datasheet
447Kb / 8P
RAD HARD 1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
logo
Richtek Technology Corp...
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com