Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3758
Description  Wide Input Voltage Range
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 4 Page - Linear Technology

  LT3758 Datasheet HTML 1Page - Linear Technology LT3758 Datasheet HTML 2Page - Linear Technology LT3758 Datasheet HTML 3Page - Linear Technology LT3758 Datasheet HTML 4Page - Linear Technology LT3758 Datasheet HTML 5Page - Linear Technology LT3758 Datasheet HTML 6Page - Linear Technology LT3758 Datasheet HTML 7Page - Linear Technology LT3758 Datasheet HTML 8Page - Linear Technology LT3758 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LT3759
4
3759fb
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN LDO Dropout Voltage (VIN – VINTVcc)VIN = 3V, DRIVE = 0V,
IINTVCC = 20mA
l
190
400
mV
INTVCC Undervoltage Lockout Threshold Falling
1.3
1.45
V
INTVCC Current in Shutdown
EN/UVLO = 0V
22
μA
Logic
EN/UVLO Threshold Voltage Falling
l
1.17
1.22
1.27
V
EN/UVLO Rising Hysteresis
20
mV
EN/UVLO Input Low Voltage
IVIN < 1μA
0.4
V
EN/UVLO Pin Bias Current Low
EN/UVLO = 1.15V
1.8
2.2
2.6
μA
EN/UVLO Pin Bias Current High
EN/UVLO = 1.30V
10
100
nA
FBX Power Good Threshold Voltage
FBX > 0V, PGOOD Falling
FBX < 0V, PGOOD Falling
VFBX(REG) – 0.08
VFBX(REG) + 0.04
V
V
FBX Overvoltage Threshold
FBX > 0V, PGOOD Rising
FBX < 0V, PGOOD Rising
VFBX(REG) + 0.12
VFBX(REG) – 0.06
V
V
PGOOD Output Low (VOL)IPGOOD = 250μA
210
300
mV
PGOOD Leakage Current
PGOOD = 42V
1
μA
INTVCC Minimum Voltage to Enable PGOOD Function
l
2.4
2.7
3.0
V
INTVCC Minimum Voltage to Enable SYNC Function
l
2.4
2.7
3.0
V
NMOS Gate Drivers
GATE Output Rise Time (TR)CL = 3300pF
20
ns
GATE Output Fall Time (TF)CL = 3300pF
20
ns
GATE Output Low (VOL)
0.05
V
GATE Output High (VOH)INTVCC – 0.05
V
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V, EN/UVLO = 12V, INTVCC = 4.75V, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: For VIN below 4V, the EN/UVLO pin must not exceed VIN for proper
operation.
Note 3: This pin is for switching purposes. Do not tie directly to a supply.
Note 4: The LT3759E is guaranteed to meet performance specifications
from the 0°C to 125°C operating junction temperature range.
Specifications over the –40°C to 125°C operating junction temperature
range are assured by design, characterization and correlation with
statistical process controls. The LT3759I is guaranteed over the full
–40°C to 125°C operating junction temperature range. The LT3759H is
guaranteed over the full –40°C to 150°C operating junction temperature
range. High junction temperatures degrade operating lifetimes. Operating
lifetime is derated at junction temperatures greater than 125°C.
Note 5: The LT3759 is tested in a feedback loop which servos VFBX to the
reference voltages (1.6V and –0.8V) with the VC pin forced to 1.3V.
Note 6: Rise and fall times are measured at 10% and 90% levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com