Electronic Components Datasheet Search
  English  ▼

X  

LT3082 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3082
Description  Dual 150mA Positive/Negative Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3082 Datasheet HTML 15Page - Linear Technology LT3082 Datasheet HTML 16Page - Linear Technology LT3082 Datasheet HTML 17Page - Linear Technology LT3082 Datasheet HTML 18Page - Linear Technology LT3082 Datasheet HTML 19Page - Linear Technology LT3082 Datasheet HTML 20Page - Linear Technology LT3082 Datasheet HTML 21Page - Linear Technology LT3082 Datasheet HTML 22Page - Linear Technology LT3082 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT3032 Series
19
3032fd
APPLICATIONS INFORMATION
If wiring modifications are not permissible for the applica-
tions, including series resistance between the power supply
and the input of the LT3032 also stabilizes the application.
As little as 0.1Ω to 0.5Ω, often less, is effective in damp-
ing the LC resonance. If the added impedance between
the power supply and the input is unacceptable, adding
ESR to the input capacitor also provides the necessary
damping of the LC resonance. However, the required ESR
is generally higher than the series impedance required.
Thermal Considerations
The power handling capability of the device is limited by
the maximum rated junction temperature (125°C). The
power dissipated by the device is made up of the follow-
ing components:
1. Output current of each side multiplied by the respective
input/output voltage differential: (IOUT)(VIN to VOUT),
and
2. GND pin current for each side multiplied by its input
voltage: (IGND)(VIN)
The GND pin current of each side is found by examining
the GND Pin Current curves in the Typical Performance
Characteristics. Total power dissipation equals the sum
for both channels of the components listed above.
The LT3032 has internal thermal limiting designed to pro-
tect each side of the regulator during overload conditions.
For continuous normal conditions, the maximum junction
temperature rating of 125°C must not be exceeded. It is
important to give careful consideration to all sources of
thermal resistance from junction to ambient. Additional
heat sources mounted nearby must also be considered.
The LT3032 is a surface mount device and heat sinking is
accomplished by using the heat spreading capabilities of
the PC board and its copper traces. Copper board stiffen-
ers and plated through-holes can also be used to spread
the heat generated by power devices.
Note that the exposed pads (Pins 15 and 16) are elect-
rically connected to ground (GND) and the negative input
(INN) respectively.
The following table lists thermal resistance as a function
of copper area on a fixed board size. All measurements
were taken in still air on a 4-layer FR-4 board with 1oz
solid internal planes and 2oz external trace planes with a
total finished board thickness of 1.6mm.
Table 3. DE Package, 14-Lead DFN
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
2500mm2
2500mm2
2500mm2
32°C/W
1000mm2
2500mm2
2500mm2
33°C/W
225mm2
2500mm2
2500mm2
38°C/W
100mm2
2500mm2
2500mm2
43°C/W
*Device is mounted on topside
For further information on thermal resistance and using
thermal information, refer to JEDEC standard JESD51,
notably JESD51-12.
PCB layers, copper weight, board layout and thermal vias
affect the resultant thermal resistance. This table provides
thermal resistance numbers for best-case 4-layer boards
with 1oz internal and 2oz external copper. Modern, mul-
tilayer PCBs may not be able to achieve quite the same
level performance as found in this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com