Electronic Components Datasheet Search
  English  ▼

X  

LT3032 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3032
Description  Dual 150mA Positive/Negative Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032 Datasheet(HTML) 3 Page - Linear Technology

  LT3032 Datasheet HTML 1Page - Linear Technology LT3032 Datasheet HTML 2Page - Linear Technology LT3032 Datasheet HTML 3Page - Linear Technology LT3032 Datasheet HTML 4Page - Linear Technology LT3032 Datasheet HTML 5Page - Linear Technology LT3032 Datasheet HTML 6Page - Linear Technology LT3032 Datasheet HTML 7Page - Linear Technology LT3032 Datasheet HTML 8Page - Linear Technology LT3032 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3032 Series
3
3032fd
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum INP Operating Voltage
LT3032 ILOAD = 150mA
l
1.8
2.3
V
Minimum INN Operating Voltage
LT3032 ILOAD = –150mA
l
–2.3
–1.6
V
Regulated Output Voltage
(Notes 4, 10)
LT3032-5
VINP = 5.5V, ILOAD = 1mA
6V ≤ VINP ≤ 20V, 1mA ≤ ILOAD ≤ 150mA
l
4.925
4.850
5.00
5.00
5.075
5.150
V
V
LT3032-5
VINN = –5.5V, ILOAD = –1mA
–6V ≥ VINN ≥ –20V, –1mA ≥ ILOAD ≥ –150mA
l
–5.075
–5.150
–5.00
–5.00
–4.925
–4.850
V
V
LT3032-12 VINP = 12.5V, ILOAD = 1mA
13V ≤ VINP ≤ 20V, 1mA ≤ ILOAD ≤ 150mA
l
11.82
11.64
12.00
12.00
12.18
12.36
V
V
LT3032-12 VINN = –12.5V, ILOAD = –1mA
–13V ≥ VINN ≥ –20V, –1mA ≥ ILOAD ≥ 150mA
l
–12.18
–12.36
–12.00
–12.00
–11.82
–11.64
V
V
LT3032-15 VINP = 15.5V, ILOAD = 1mA
16V ≤ VINP ≤ 20V, 1mA ≤ ILOAD ≤ 150mA
l
14.775
14.550
15.00
15.00
15.225
15.450
V
V
LT3032-15 VINN = –15.5V, ILOAD = –1mA
–16V ≥ VINN ≥ –20V, –1mA ≥ ILOAD ≥ 150mA
l
–15.225
–15.450
–15.00
–15.00
–14.775
–14.550
V
V
ADJP Pin Voltage
(Notes 4, 5)
LT3032
VINP = 2V, ILOAD = 1mA
2.3V ≤ VINP ≤ 20V, 1mA ≤ ILOAD ≤ 150mA
l
1.202
1.184
1.22
1.22
1.238
1.256
V
V
ADJN Pin Voltage
(Notes 4, 5, 10)
LT3032
VINN = –2V, ILOAD = –1mA
–2.3V ≤ VINN ≤ –20V, –1mA ≤ ILOAD ≤ –150mA
l
–1.238
–1.256
–1.22
–1.22
–1.202
–1.184
V
V
Line Regulation (Note 5)
LT3032-5
OUTP
ΔVINP = 5.5V to 20V, ILOAD = 1mA
OUTN
ΔVINN = –5.5V to –20V, ILOAD = –1mA
l
l
1
15
6
50
mV
mV
LT3032-12 OUTP
ΔVINP = 12.5V to 20V, ILOAD = 1mA
OUTN
ΔVINN = –12.5V to –20V, ILOAD = –1mA
l
l
1.5
13
15
75
mV
mV
LT3032-15 OUTP
ΔVINP = 15.5V to 20V, ILOAD = 1mA
OUTN
ΔVINN = –15.5V to 20V, ILOAD = –1mA
l
l
2
10
20
75
mV
mV
LT3032
ADJP
ΔVINP = 2V to 20V, ILOAD = 1mA
ADJN
ΔVINN = –2V to –20V, ILOAD = –1mA
l
l
1
1
6
12
mV
mV
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3032EDE
LT3032EDE#TR
3032
14-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT3032IDE
LT3032IDE#TR
3032
14-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT3032MPDE
LT3032MPDE#TR
3032
14-Lead (4mm × 3mm) Plastic DFN
–55°C to 125°C
LT3032EDE-5
LT3032EDE-5#TR
30325
14-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT3032IDE-5
LT3032IDE-5#TR
30325
14-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT3032MPDE-5
LT3032MPDE-5#TR
30325
14-Lead (4mm × 3mm) Plastic DFN
–55°C to 125°C
LT3032EDE-12
LT3032EDE-12#TR
30322
14-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT3032IDE-12
LT3032IDE-12#TR
30322
14-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT3032MPDE-12
LT3032MPDE-12#TR
30322
14-Lead (4mm × 3mm) Plastic DFN
–55°C to 125°C
LT3032EDE-15
LT3032EDE-15#TR
03215
14-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT3032IDE-15
LT3032IDE-15#TR
03215
14-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT3032MPDE-15
LT3032MPDE-15#TR
03215
14-Lead (4mm × 3mm) Plastic DFN
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com