Electronic Components Datasheet Search
  English  ▼

X  

LT3496 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3496
Description  Full-Featured LED Driver with 1.5A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 1 Page - Linear Technology

  LT3496 Datasheet HTML 1Page - Linear Technology LT3496 Datasheet HTML 2Page - Linear Technology LT3496 Datasheet HTML 3Page - Linear Technology LT3496 Datasheet HTML 4Page - Linear Technology LT3496 Datasheet HTML 5Page - Linear Technology LT3496 Datasheet HTML 6Page - Linear Technology LT3496 Datasheet HTML 7Page - Linear Technology LT3496 Datasheet HTML 8Page - Linear Technology LT3496 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3517
1
3517ff
FEATURES
APPLICATIONS
DESCRIPTION
Full-Featured LED Driver
with 1.5A Switch Current
The LT
®3517 is a current mode DC/DC converter with an
internal 1.5A, 45V switch specifically designed to drive
LEDs. The LT3517 operates as a LED driver in boost,
buck mode and buck-boost mode. It combines a tradi-
tional voltage loop and a unique current loop to operate
as a constant-current source or constant-voltage source.
Programmable switching frequency allows optimization of
the external components for efficiency or component size.
The switching frequency of LT3517 can be synchronized
to an external clock signal. The LED current is externally
programmable with a 100mV sense resistor. The external
PWM input provides up to 5000:1 LED dimming. The CTRL
pin provides further 10:1 dimming ratio.
The LT3517 is available in the tiny footprint 16-lead QFN
(4mm × 4mm) and the 16-pin TSSOP packages. The
LT3517 provides a complete solution for both constant-
voltage and constant-current applications.
■
5000:1 True Color PWM
™ Dimming Ratio
■
1.5A, 45V Internal Switch
■
100mV High Side Current Sense
■
Open LED Protection
■
Adjustable Frequency: 250kHz to 2.5MHz
■
Wide Input Voltage Range:
Operation from 3V to 30V
Transient Protection to 40V
■
Operates in Boost, Buck Mode and Buck-Boost Mode
■
Gate Driver for PMOS LED Disconnect
■
Constant-Current and Constant-Voltage Regulation
■
CTRL Pin Provides 10:1 Analog Dimming
■
Low Shutdown Current: <1μA
■
Available in (4mm × 4mm) 16-Lead QFN and 16-Pin
TSSOP Packages
■
Display Backlighting
■
Automotive and Avionic Lighting
■
Illumination
■
Scanners
1A
10μF
15μH
2.2μF
0.1μF
100mΩ
2.2μF
VREF
ISP
TGEN
GND
VREF VC
16.9k
1MHz
3517 TA01a
0.1μF
VIN
SHDN
CTRL
PWM
SYNC
FB
SS
RT
SW
PVIN
24V
VIN
3.3V
ISN
LT3517
TG
PWM
1A Buck Mode LED Driver
Efficiency
PWM DUTY CYCLE (%)
0
40
50
60
70
80
90
100
20
40
60
80
3517 TA01b
100
CTRL = VREF
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered
trademarks and True Color PWM is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents, including
7199560, 7321203, 7746300.
TYPICAL APPLICATION


Similar Part No. - LT3496

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
Triple Output LED Driver
LT3496 LINER-LT3496 Datasheet
441Kb / 24P
60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3496 LINER-LT3496 Datasheet
403Kb / 28P
32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3496 LINER-LT3496 Datasheet
425Kb / 32P
8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3496 LINEAR_DIMENSIONS-LT3496 Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3496

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3517 LINER-LT3517 Datasheet
275Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3518 LINER-LT3518 Datasheet
272Kb / 20P
Full-Featured LED Driver with 2.3A Switch Current
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Linear Integrated Syste...
LT3518HFE LINEAR-LT3518HFE Datasheet
250Kb / 20P
Full-Featured LED Driver with 2.3A Switch Current
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3518 LINER-LT3518_15 Datasheet
250Kb / 20P
Full-Featured LED Driver with 2.3A Switch Current
logo
Tontek Design Technolog...
TTP933 TONTEK-TTP933 Datasheet
1Mb / 25P
1.5A LED Driver with internal switch
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Maxic Technology Corpor...
MT7202 MAXIC-MT7202 Datasheet
169Kb / 1P
1.5A LED driver with internal switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com