Electronic Components Datasheet Search
  English  ▼

X  

LT3501 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3501
Description  Monolithic Dual Tracking 2A Step-Down Switching
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3501 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3501 Datasheet HTML 15Page - Linear Technology LT3501 Datasheet HTML 16Page - Linear Technology LT3501 Datasheet HTML 17Page - Linear Technology LT3501 Datasheet HTML 18Page - Linear Technology LT3501 Datasheet HTML 19Page - Linear Technology LT3501 Datasheet HTML 20Page - Linear Technology LT3501 Datasheet HTML 21Page - Linear Technology LT3501 Datasheet HTML 22Page - Linear Technology LT3501 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LT3510
19
3510fe
the output capacitor integrates this current, and that the
capacitor on the VC pin (CC) integrates the error ampli-
fier output current, resulting in two poles in the loop. In
most cases a zero is required and comes from either the
output capacitor ESR or from a resistor in series with CC.
This simple model works well as long as the value of the
inductor is not too high and the loop crossover frequency
is much lower than the switching frequency. A phase lead
capacitor (CPL) across the feedback divider may improve
the transient response.
Synchronization
The RT/SYNC pin can be used to synchronize the regulators
to an external clock source. Driving the RT/SYNC resistor
with a clock source triggers the synchronization detection
circuitry. Once synchronization is detected, the rising edge
of SW1 will be synchronized to the rising edge of the
RT/SYNC pin signal. An AGC loop will adjust the internal
oscillators to maintain a 180 degree phase between SW1
and SW2, and also adjust slope compensation to avoid
subharmonic oscillation.
The synchronizing clock signal input to the LT3510 must
have a frequency between 250kHz and 1.5MHz, a duty
cycle between 20% and 80%, a low state below 0.5V and
a high state above 1.6V. Synchronization signals outside
of these parameters will cause erratic switching behavior.
The RT/SYNC resistor should be set such that the free
running frequency ((VRT/SYNC – VSYNCLO)/RRT/SYNC) is
approximately equal to the synchronization frequency. If
the synchronization signal is halted, the synchronization
detection circuitry will timeout in typically 10μs at which
time the LT3510 reverts to the free-running frequency
based on the current through RT/SYNC. If the RT/SYNC
resistor is held above 2V at any time, switching will be
disabled.
If the synchronization signal is not present during regula-
tor start-up (for example, the synchronization circuitry is
powered from the regulator output) the RT/SYNC pin must
see an equivalent resistance to ground between 15.4k and
133k until the synchronization circuitry is active for proper
start-up operation.
If the synchronization signal powers up in an undetermined
state (VOL, VOH, Hi-Z), connect the synchronization clock
to the LT3510 as shown in Figure 7. The circuit as shown
will isolate the synchronization signal when the output
voltage is below 90% of the regulated output. The LT3510
will start-up with a switching frequency determined by the
resistor from the RT/SYNC pin to ground.
If the synchronization signal powers up in a low impedance
state (VOL), connect a resistor between the RT/SYNC pin
and the synchronizing clock. The equivalent resistance
seen from the RT/SYNC pin to ground will set the start-up
frequency.
Figure 6. Model for Loop Response
Figure 7. Synchronous Signal Powered from Regulator’s Output
+
0.8V
SW
LT3510
FB
VC
CF
CPL
OUTPUT
C1
C1
3510 F06
CC
RC
R1
ESR
TANTALUM
OR
POLYMER
CERAMIC
R2
ERROR
AMP
gm = 275μmho
CURRENT MODE
POWER STAGE
gm = 2.2mho
3.6M
LT3510
SYNCHRONIZATION
CIRCUITRY
VOUT1
RT/SYNC
3510 F07
VCC
CLK
PG1
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com