Electronic Components Datasheet Search
  English  ▼

X  

LT3590 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3590
Description  Full-Featured LED Driver with 1.5A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3590 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3590 Datasheet HTML 9Page - Linear Technology LT3590 Datasheet HTML 10Page - Linear Technology LT3590 Datasheet HTML 11Page - Linear Technology LT3590 Datasheet HTML 12Page - Linear Technology LT3590 Datasheet HTML 13Page - Linear Technology LT3590 Datasheet HTML 14Page - Linear Technology LT3590 Datasheet HTML 15Page - Linear Technology LT3590 Datasheet HTML 16Page - Linear Technology LT3590 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3517
13
3517ff
5000:1 PWM Dimming at 100Hz
Efficiency
Buck-Boost Mode LED Driver
D1
L1
6.8μH
RSENSE
330mΩ
SHDN
VC
GND
RT SS
RT
6.04k
2MHz
3517 TA04a
C3
0.1μF
C2
4.7μF
R1
3.92M
R2
124k
M1
C5
0.22μF
C1
2.2μF
C4
0.1μF
PWM
ISP
FB
ISN
TG
TGEN
VREF
CTRL
SYNC
300mA
VIN
8V TO 16V
VIN
LT3517
SW
PWM
C1: KEMET C0806C225K4RAC
C2: KEMET C1206C475K3RAC
C3, C4: MURATA GRM21BR71H104KA01B
C5: MURATA GRM21BR71H224KA01B
D1: DIODE DFLS160
L1: TOKO B992AS-6R8N
LEDS: LUXEON I (WHITE)
M1: ZETEX ZXMP6A13FTA
TYPICAL APPLICATIONS
PWM DUTY CYCLE (%)
0
20
30
40
50
60
70
80
90
20
40
60
80
3517 TA04c
100
VIN = 12V
CTRL = VREF
PWM
5V/DIV
IL
1A/DIV
ILED
200mA/DIV
500ns/DIV
VIN = 12V
fOSC = 2MHz
ILED = 300mA
3517 TA04b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com