Electronic Components Datasheet Search
  English  ▼

X  

LT3595 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3595
Description  8-Channel 횞 100mA LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3595 Datasheet(HTML) 3 Page - Linear Technology

  LT3595 Datasheet HTML 1Page - Linear Technology LT3595 Datasheet HTML 2Page - Linear Technology LT3595 Datasheet HTML 3Page - Linear Technology LT3595 Datasheet HTML 4Page - Linear Technology LT3595 Datasheet HTML 5Page - Linear Technology LT3595 Datasheet HTML 6Page - Linear Technology LT3595 Datasheet HTML 7Page - Linear Technology LT3595 Datasheet HTML 8Page - Linear Technology LT3595 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LT3760
3
3760fc
elecTrical characTerisTics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT BIAS, REFERENCE
Minimum Operational VIN (To Allow GATE Switching)
VC = 1.5V
VIN = INTVCC (Shorted)
VIN ≠ INTVCC
l
l
4.2
5.5
4.5
6.0
V
V
Operational VIN
VIN = INTVCC (Shorted)
VIN ≠ INTVCC
4.5
6
13
40
V
V
VIN Quiescent Current
CTRL = 0.1V, PWM = 0V
CTRL = 0.1V, PWM = 1.5V, (Not Switching)
LED1–8 = 1.2V
4.2
9.5
5.7
12
mA
mA
VIN Shutdown Current (VIN ≠ INTVCC) (Not Shorted)
SHDN/UVLO = 0V, VIN =6V
SHDN/UVLO = 0V, VIN = 40V
0.1
2
10
µA
µA
VIN Shutdown Current (VIN = INTVCC (Shorted))
SHDN/UVLO = 0V, VIN = INTVCC = 4.5V
SHDN/UVLO = 0V, VIN = INTVCC = 13V
10
20
20
40
µA
µA
SHDN/UVLO Threshold (Micropower) (Falling) (VSD)
IVIN < 20µA
l
0.3
0.7
V
SHDN/UVLO Threshold (UVLO) (Falling)
(Stop Switching) (VUV)
l
1.414
1.476
1.538
V
SHDN/UVLO Pin Current
SHDN/UVLO = VUV - 50mV
SHDN/UVLO = VUV + 50mV
l
1.6
2.4
0
3.2
µA
µA
VREF Voltage
IVREF = 0µA
l
1.450
1.485
1.524
V
VREF Line Regulation
IVREF = 0µA, 6V < VIN < 40V
0.01
0.05
%/V
VREF Load Regulation
0 < IVREF < 150µA (Max)
2
mV
OSCILLATOR
Frequency: fOSC (100kHz)
RT = 523k
l
92
101
112
kHz
Frequency: fOSC (1MHz)
RT = 39.2k
l
0.90
1
1.10
MHz
fOSC (1MHz) Line Regulation
RT = 39.2k, 6V < VIN < 40V
0.1
0.2
%/V
RT Pin Voltage
RT = 39.2k
1.6
V
Minimum Off-Time
Minimum On-Time
(Note 5)
(Note 5)
170
190
250
250
nS
nS
SYNC Input High Threshold
2.2
V
SYNC Input Low Threshold
0.6
V
SYNC Input Current
SYNC = 0V
SYNC = 5V
0
25
µA
µA
SYNC Frequency Range
RT = 523k
RT = 39.2k
0.12
1.2
1.5
1.5
MHz
MHz
LINEAR REGULATOR (INTVCC)
INTVCC Regulation Voltage
VIN = 12V
6.65
7
7.35
V
Dropout (VIN -INTVCC)
IINTVCC = 10mA
250
mV
INTVCC UVLO (+)
(Start Switching)
3.8
V
INTVCC UVLO (-)
(Stop Switching)
3.4
V
INTVCC Current Limit
l
40
57
mA
OVP/LED ERROR AMPLIFIERS
Transconductance (OVP)
∆IVC = ±2.5µA
4
µmhos
Voltage Gain (OVP)
5
V/V
Transconductance (LED)
∆IVC = ±2.5µA
33
µmhos
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT = 6V, RISET = 14.7k unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com