Electronic Components Datasheet Search
  English  ▼

X  

LTC3548 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3548
Description  Monolithic Dual Tracking 2A Step-Down Switching
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3548 Datasheet HTML 2Page - Linear Technology LTC3548 Datasheet HTML 3Page - Linear Technology LTC3548 Datasheet HTML 4Page - Linear Technology LTC3548 Datasheet HTML 5Page - Linear Technology LTC3548 Datasheet HTML 6Page - Linear Technology LTC3548 Datasheet HTML 7Page - Linear Technology LTC3548 Datasheet HTML 8Page - Linear Technology LTC3548 Datasheet HTML 9Page - Linear Technology LTC3548 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LT3510
6
3510fe
TYPICAL PERFORMANCE CHARACTERISTICS
External Sync Duty Cycle Range
vs External Sync Frequency
Frequency and Phase vs RT/SYNC
Pin Resistance
Switch Saturation Voltage
vs Switch Current
Minimum Boost Voltage
vs Temperature
VOUT + IND Current
vs Temperature
VOUT + IND Current
vs VOUT Voltage
Minimum Input Voltage
vs Load Current
Minimum Input Voltage
vs Load Current
Minimum Input Voltage
vs Load Current
FREQUENCY (kHz)
250
60
80
100
1250
3510 G17
40
20
50
70
90
30
10
0
500
750
1000
1500
MAXIMUM CLOCK
DUTY CYCLE
MINIMUM CLOCK
DUTY CYCLE
RESISTANCE (kΩ)
0
20
40
60
80
100
120
140
800
1200
3510 G18
400
100
1600
600
1000
200
1400
170
180
160
150
190
165
175
155
185
FREQUENCY
PHASE
CURRENT (A)
0.5
150
200
250
1.1
1.5
3510 G19
100
50
0
0.7
0.9
1.3
1.7
1.9
125°C
25°C
–50°C
TEMPERATURE (°C)
–50
–25
0
1.0
2.5
0
50
75
3510 G21
0.5
2.0
1.5
25
100
125
TEMPERATURE (°C)
–50
50
55
65
70
75
100
85
0
50
75
3510 G22
60
90
95
80
–25
25
100
125
VOLTAGE (V)
0
60
80
100
1.6
3510 G23
40
20
50
70
90
30
10
0
0.4
0.2
0.8
0.6
1.2 1.4
1.8
1.0
2.0
CURRENT (mA)
1
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
100
1000
10000
3510 G24
VOUT = 2.5V
RUNNING
CURRENT (mA)
1
4.5
5.0
5.5
6.0
6.5
7.0
7.5
10
100
1000
10000
3510 G26
VOUT = 5V
RUNNING
CURRENT (mA)
1
3.0
3.5
4.0
4.5
5.0
5.5
6.0
10
100
1000
10000
3510 G25
VOUT = 3.3V
RUNNING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com