Electronic Components Datasheet Search
  English  ▼

X  

LT3690 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3690
Description  42V, 2.5A Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3690 Datasheet(HTML) 3 Page - Linear Technology

  LT3690 Datasheet HTML 1Page - Linear Technology LT3690 Datasheet HTML 2Page - Linear Technology LT3690 Datasheet HTML 3Page - Linear Technology LT3690 Datasheet HTML 4Page - Linear Technology LT3690 Datasheet HTML 5Page - Linear Technology LT3690 Datasheet HTML 6Page - Linear Technology LT3690 Datasheet HTML 7Page - Linear Technology LT3690 Datasheet HTML 8Page - Linear Technology LT3690 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT8611
3
8611p
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8611E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization, and correlation with statistical process controls. The
LT8611I is guaranteed over the full –40°C to 125°C operating junction
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INTVCC Undervoltage Lockout
2.5
2.6
2.7
V
BIAS Pin Current Consumption
VBIAS = 3.3V, ILOAD = 1A, 2MHz
8.5
mA
Minimum On-Time
ILOAD = 1A, SYNC = 0V
ILOAD = 1A, SYNC = 3.3V
l
l
30
30
50
45
70
65
ns
ns
Minimum Off-Time
50
80
110
ns
Oscillator Frequency
RT = 221k, ILOAD = 1A
RT = 60.4k, ILOAD = 1A
RT = 18.2k, ILOAD = 1A
l
l
l
180
665
1.85
210
700
2.00
240
735
2.15
kHz
kHz
MHz
Top Power NMOS On-Resistance
VINTVCC = 3.4V, ISW = 1A
120
mΩ
Top Power NMOS Current Limit
VINTVCC = 3.4V
l
3.5
4.8
5.8
A
Bottom Power NMOS On-Resistance
VINTVCC = 3.4V, ISW = 1A
65
mΩ
Bottom Power NMOS Current Limit
VINTVCC = 3.4V
2.5
3.3
4.8
A
SW Leakage Current
VIN = 42V, VSW = 0V, 42V
–1.5
1.5
μA
EN/UV Pin Threshold
EN/UV Rising
l
0.94
1.0
1.06
V
EN/UV Pin Hysteresis
40
mV
EN/UV Pin Current
VEN/UV = 2V
–20
20
nA
PG Upper Threshold Offset from VFB
VFB Falling
l
6
9.0
12
%
PG Lower Threshold Offset from VFB
VFB Rising
l
–6
–9.0
–12
%
PG Hysteresis
1.3
%
PG Leakage
VPG = 3.3V
–40
40
nA
PG Pull-Down Resistance
VPG = 0.1V
l
680
2000
Ω
SYNC Threshold
SYNC Falling
SYNC Rising
0.8
1.6
1.1
2.0
1.4
2.4
V
V
SYNC Pin Current
VSYNC = 2V
–40
40
nA
TR/SS Source Current
l
1.2
2.2
3.2
μA
TR/SS Pull-Down Resistance
Fault Condition, TR/SS = 0.1V
230
Ω
Current Sense Voltage (VISP-ISN)VICTRL = 1.5V, VISN = 3.3V
VICTRL = 1.5V, VISN = 0V
VICTRL = 800mV, VISN = 3.3V
VICTRL = 800mV, VISN = 0V
VICTRL = 200mV, VISN = 3.3V
VICTRL = 200mV, VISN = 0V
l
l
l
l
l
l
48
46.5
39
38
6
5
50
50.5
41
42
10
10.5
52
55.5
15
46
14
16
mV
mV
mV
mV
mV
mV
IMON Monitor Pin Voltage
VISP-ISN = 50mV, VISN = 3.3V
VISP-ISN = 50mV, VISN = 0V
VISP-ISN = 10mV, VISN = 3.3V
VISP-ISN = 10mV, VISN = 0V
l
l
l
l
0.965
0.900
150
130
1.00
0.99
220
205
1.035
1.080
290
280
V
V
mV
mV
ISP, ISN Pin Bias Current
l
–20
20
μA
temperature range. High junction temperatures degrade operating
lifetimes. Operating lifetime is derated at junction temperatures greater
than 125°C.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during overload conditions. Junction temperature will
exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
will reduce lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com