Electronic Components Datasheet Search
  English  ▼

X  

LT3971 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3971
Description  42V, 2.5A Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3971 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3971 Datasheet HTML 16Page - Linear Technology LT3971 Datasheet HTML 17Page - Linear Technology LT3971 Datasheet HTML 18Page - Linear Technology LT3971 Datasheet HTML 19Page - Linear Technology LT3971 Datasheet HTML 20Page - Linear Technology LT3971 Datasheet HTML 21Page - Linear Technology LT3971 Datasheet HTML 22Page - Linear Technology LT3971 Datasheet HTML 23Page - Linear Technology LT3971 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LT8611
22
8611p
2MHz, 3.3V Step-Down with Power Good without Current Sense
1V Step-Down with 2A Output Current Limit
12V Step-Down with 1A Output Current Limit
TYPICAL APPLICATIONS
BST
VIN
EN/UV
SYNC
IMON
ICTRL
INTVCC
TR/SS
RT
SW
LT8611
GND
ISP
ISN
BIAS
PG
8611 TA08
FB
0.1μF
VOUT
3.3V
2.5A
PGOOD
10pF
47μF
VIN
3.8V TO 42V
1μF
0.1μF
2.2μH
1M
412k
150k
18.2k
f = 2MHz
PGND
4.7μF
ON OFF
BST
VIN
EN/UV
SYNC
IMON
ICTRL
INTVCC
TR/SS
RT
SW
LT8611
GND
ISP
ISN
BIAS
PG
8611 TA09
FB
0.1μF
VOUT
0.97V
2A
100μF
VIN
3.8V TO 42V
1μF
0.1μF
10μH
0.025Ω
150k
f = 300kHz
PGND
10μF
ON OFF
1μF
BST
VIN
EN/UV
SYNC
IMON
ICTRL
INTVCC
TR/SS
RT
SW
LT8611
GND
ISP
ISN
BIAS
PG
8611 TA10
FB
0.1μF
VOUT
12V
1A
22μF
VIN
12.5V TO 42V
1μF
0.1μF
10μH
0.05Ω
60.4k
f = 700kHz
PGND
10μF
ON OFF
1μF
1M
10pF
88.7k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com