Electronic Components Datasheet Search
  English  ▼

X  

LT3496 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3496
Description  8-Channel 횞 100mA LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3496 Datasheet HTML 9Page - Linear Technology LT3496 Datasheet HTML 10Page - Linear Technology LT3496 Datasheet HTML 11Page - Linear Technology LT3496 Datasheet HTML 12Page - Linear Technology LT3496 Datasheet HTML 13Page - Linear Technology LT3496 Datasheet HTML 14Page - Linear Technology LT3496 Datasheet HTML 15Page - Linear Technology LT3496 Datasheet HTML 16Page - Linear Technology LT3496 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LT3760
13
3760fc
In addition, the current drive required for GATE switching
should also be kept low in the case of high VIN voltages
(see“ThermalConsiderations”intheApplicationsInforma-
tion section). The RDS(ON) of the MOSFET will determine
d.c. power losses but will usually be less significant
compared to switching losses. Be aware of the power
dissipation within the MOSFET by calculating d.c. and
switching losses and deciding if the thermal resistance
of the MOSFET package causes the junction temperature
to exceed maximum ratings.
Table 4. MOSFET Manufacturers
MANUFACTURER
PHONE NUMBER
WEB
Vishay Siliconix
402-563-6866
www.vishay.com
International Rectifier
310-252-7105
www.irf.com
Fairchild
972-910-8000
www.fairchildsemi.com
Power MOSFET: Current Sense Resistor
The LT3760 current mode boost converter controls peak
currentintheinductorbycontrollingpeakMOSFETcurrent
ineachswitchingcycle.TheLT3760monitorscurrentinthe
external N-channel power MOSFET by sensing the voltage
acrossasenseresistor(RS)connectedbetweenthesource
of the FET and the power ground in the application. The
length of these tracks should be minimized and a Kelvin
sense should be taken from the top of RS to the sense
pin. A 52mV sense pin threshold combined with the value
of RS sets the maximum cycle-by-cycle peak MOSFET
current. The low 52mV threshold improves efficiency and
determines the value for RS given by:
RS
≤
52mV • 0.7
IL(PEAK)
applicaTions inForMaTion
where
IL(PEAK) =
1
1
−D
• 8 •ILEDx • 1+
0.5
2
D
= MOSFET duty cycle = 1−
VIN(MIN)
VOUT(MAX)
,
VOUT(MAX) = N • VF(MAX)
(
)+1V
N
= number of LEDs in each string,
VF(MAX) = maximum LED forward voltage drop,
VIN(MIN) = minimum input voltage to the inductor,
ILED = current in each LED pin,
andthe0.5termrepresentsaninductorpeak-to-peakripple
current of 50% of average inductor current.
The scale factor of • 0.7 ensures the boost converter
can meet the peak inductor requirements of the loop by
accounting for the combined errors of the 52mV sense
threshold, ILEDx, RS and circuit efficiency.
Example: For a 12W LED driver application requiring 8
strings of 10 LEDs each driven with 40mA, and choosing
VIN(MIN) = 8V, VOUT(MAX) = (4V •10)+1V = 41V and ILEDx
= 40mA, the value for RS is chosen as:
RS
≤
52mV • 0.7
IL(PEAK)
≤
52mV • 0.7
41
8
• 8 • 0.04
 • 1+ 0.25
(
)
≤
52mV • 0.7
2.05
≤ 17.7 mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com