Electronic Components Datasheet Search
  English  ▼

X  

LTC2861 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2861
Description  20Mbps RS485 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2861 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2861 Datasheet HTML 10Page - Linear Technology LTC2861 Datasheet HTML 11Page - Linear Technology LTC2861 Datasheet HTML 12Page - Linear Technology LTC2861 Datasheet HTML 13Page - Linear Technology LTC2861 Datasheet HTML 14Page - Linear Technology LTC2861 Datasheet HTML 15Page - Linear Technology LTC2861 Datasheet HTML 16Page - Linear Technology LTC2861 Datasheet HTML 17Page - Linear Technology LTC2861 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC2859/LTC2861
18
285961fc
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2006
LT 0312 REV C • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC2854/LTC2855 3.3V 20Mbps RS485/RS422 Transceivers with Integrated
Switchable Termination
Up to ±25kV HBM ESD, 125°C Operation
LTC2856/LTC2857/
LTC2858
5V 20Mbps and Slew Rate Limited 15kV RS485/RS422
Transceivers
±15kV ESD, 125°C Operation
LTC2850/LTC2851/
LTC2852
3.3V 20Mbps RS485/RS422 Transceivers
±15kV ESD, 125°C Operation
LTC2862/LTC2863/
LTC2864/LTC2865
±60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
20Mbps or 250kbps, ±15kV HBM ESD, ±25V Common Mode
Range
LTM2881
Complete 3.3V Isolated RS485/RS422 µModule® Transceiver
+ Power
2500VRMS Isolation with Integrated Isolated DC/DC Converter and
Switchable Termination
LTC485
Low Power RS485 Interface Transceiver
ICC = 300µA (Typ)
LTC491
Differential Driver and Receiver Pair
ICC = 300µA
LTC1480
3.3V Ultralow Power RS485 Transceiver
3.3V Operation
LTC1483
Ultralow Power RS485 Low EMI Transceiver
Controlled Driver Slew Rate
LTC1485
Differential Bus Transceiver
10Mbaud Operation
LTC1487
Ultralow Power RS485 with Low EMI, Shutdown and High
Input Impedance
Up to 256 Transceivers on the Bus
LTC1520
50Mbps Precision Quad Line Receiver
Channel-to-Channel Skew 400ps (Typ)
LTC1535
Isolated RS485 Full-Duplex Transceiver
2500VRMS Isolation in Surface Mount Package
LTC1685
52Mbps RS485 Transceiver with Precision Delay
Propagation Delay Skew 500ps (Typ)
LT1785
±60V Fault Protected RS485 Transceiver
60V Tolerant, 15kV ESD
Failsafe “0” Application (Idle State = Logic “0”)
relaTeD parTs
Typical applicaTion
2859/61 TA03
"A"
"B"
A
B
R
D
LTC2859
120Ω
I1
RO
I2
DI
100kΩ
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com