Electronic Components Datasheet Search
  English  ▼

X  

LTC4365 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4365
Description  High Voltage Surge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4365 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4365 Datasheet HTML 16Page - Linear Technology LTC4365 Datasheet HTML 17Page - Linear Technology LTC4365 Datasheet HTML 18Page - Linear Technology LTC4365 Datasheet HTML 19Page - Linear Technology LTC4365 Datasheet HTML 20Page - Linear Technology LTC4365 Datasheet HTML 21Page - Linear Technology LTC4365 Datasheet HTML 22Page - Linear Technology LTC4365 Datasheet HTML 23Page - Linear Technology LTC4365 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LT4363
22
4363fa
.016 – .050
(0.406 – 1.270)
.010 – .020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
.008 – .010
(0.203 – 0.254)
1
N
2
3
4
5
6
7
8
N/2
.150 – .157
(3.810 – 3.988)
NOTE 3
16
15
14
13
.386 – .394
(9.804 – 10.008)
NOTE 3
.228 – .244
(5.791 – 6.197)
12
11
10
9
S16 0502
.053 – .069
(1.346 – 1.752)
.014 – .019
(0.355 – 0.483)
TYP
.004 – .010
(0.101 – 0.254)
.050
(1.270)
BSC
.245
MIN
N
12
3
N/2
.160
±.005
RECOMMENDED SOLDER PAD LAYOUT
.045
±.005
.050 BSC
.030
±.005
TYP
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
S Package
16-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
MS Package
12-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1668 Rev Ø)
MSOP (MS12) 1107 REV Ø
0.53
± 0.152
(.021
± .006)
SEATING
PLANE
0.18
(.007)
1.10
(.043)
MAX
0.22 – 0.38
(.009 – .015)
TYP
0.86
(.034)
REF
0.650
(.0256)
BSC
12 11 10 9 8 7
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.254
(.010)
0
° – 6° TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
5.23
(.206)
MIN
3.20 – 3.45
(.126 – .136)
0.889
± 0.127
(.035
± .005)
RECOMMENDED SOLDER PAD LAYOUT
0.42
± 0.038
(.0165
± .0015)
TYP
0.65
(.0256)
BSC
4.039
± 0.102
(.159
± .004)
(NOTE 3)
0.1016
± 0.0508
(.004
± .002)
1 2 3 4 5 6
3.00
± 0.102
(.118
± .004)
(NOTE 4)
0.406
± 0.076
(.016
± .003)
REF
4.90
± 0.152
(.193
± .006)
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com