Electronic Components Datasheet Search
  English  ▼

X  

LTC6409 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC6409
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6409 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC6409 Datasheet HTML 26Page - Linear Technology LTC6409 Datasheet HTML 27Page - Linear Technology LTC6409 Datasheet HTML 28Page - Linear Technology LTC6409 Datasheet HTML 29Page - Linear Technology LTC6409 Datasheet HTML 30Page - Linear Technology LTC6409 Datasheet HTML 31Page - Linear Technology LTC6409 Datasheet HTML 32Page - Linear Technology LTC6409 Datasheet HTML 33Page - Linear Technology LTC6409 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
LTC2157-14/
LTC2156-14/LTC2155-14
34
21576514fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2011
LT 0312 REV A • PRINTED IN USA
RELATED PARTS
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
14-BIT
PIPELINED
ADC CORE
CLOCK/DUTY
CYCLE
CONTROL
DA12_13
DA0_1
DB12_13
DB0_1
CLOCK
ANALOG
INPUT
21576514 TA10a
DDR
LVDS
DDR
LVDS
VDD
OVDD
OGND
OGND
GND
CHANNEL A
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
14-BIT
PIPELINED
ADC CORE
ANALOG
INPUT
OVDD
CHANNEL B
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21576514 TA10b
100
120
–20
LTC2157-14: 32K Point FFT,
fIN = 15MHz, –1dBFS, 250Msps
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC2208
16-Bit, 130Msps, 3.3V ADC, LVDS Outputs
1250mW, 77.7dB SNR, 100dB SFDR, 48-Pin QFN
LTC2157-12/ LTC2156-12/
LTC2155-12
12-Bit, 250Msps/210Msps/170Msps,
1.8V Dual ADC, LVDS DDR Outputs
588mW/543mW/495mW, 68.5dB SNR, 90dB SFDR
LTC2242-10/LTC2241-10/
LTC2241-10
10-Bit, 250Msps/210Msps/170Msps,
2.5V ADC, LVDS Outputs
740mW/585mW/445mW, 60.6dB SNR, 78dB SFDR, 64-Pin QFN
LTC2242-12/LTC2241-12/
LTC2240-12
12-Bit, 250Msps/210Msps/170Msps,
2.5V ADC, LVDS Outputs
740mW/585mW/445mW, 65.5dB SNR, 80dB SFDR, 64-Pin QFN
LTC2262-14
14-Bit, 150Msps 1.8V ADC, Ultralow Power
149mW, 72.8dB SNR, 88dB SFDR, DDR LVDS/DDR CMOS/CMOS Outputs,
6mm × 6mm 36-Pin QFN
RF Mixers/Demodulators
LT5517
40MHz to 900MHz Direct Conversion Quadrature
Demodulator
High IIP3: 21dBm at 800MHz, Integrated LO Quadrature Generator
LT5527
400MHz to 3.7GHz High Linearity
Downconverting Mixer
24.5dBm IIP3 at 900MHz, 23.5dBm IIP3 at 3.5GHz, NF = 12.5dB,
50Ω Single-Ended RF and LO Ports
LT5575
800MHz to 2.7GHz Direct Conversion
Quadrature Demodulator
High IIP3: 28dBm at 900MHz, Integrated LO Quadrature Generator,
Integrated RF and LO Transformer
Amplifiers/Filters
LTC6409
10GHz GBW, 1.1nV/√Hz Differential Amplifier/
ADC Driver
88dB SFDR at 100MHz, Input Range Includes Ground 52mA Supply Current
3mm × 2mm QFN Package
LTC6412
800MHz, 31dB Range, Analog-Controlled
Variable Gain Amplifier
Continuously Adjustable Gain Control, 35dBm OIP3 at 240MHz, 10dB Noise
Figure, 4mm × 4mm QFN-24
LTC6420-20
1.8GHz Dual Low Noise, Low Distortion
Differential ADC Drivers for 300MHz IF
Fixed Gain 10V/V, 1nV/√Hz Total Input Noise, 80mA Supply Current per
Amplifier, 3mm × 4mm QFN-20
Receiver Subsystems
LTM9002
14-Bit Dual Channel IF/Baseband Receiver
Subsystem
Integrated High Speed ADC, Passive Filters and Fixed Gain Differential Amplifiers
LTM9003
12-Bit Digital Pre-Distortion Receiver
Integrated 12-Bit ADC Down-Converter Mixer with 0.4GHz to 3.8GHz Input
Frequency Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com