Electronic Components Datasheet Search
  English  ▼

X  

LTC6412 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC6412
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC6412 Datasheet HTML 26Page - Linear Technology LTC6412 Datasheet HTML 27Page - Linear Technology LTC6412 Datasheet HTML 28Page - Linear Technology LTC6412 Datasheet HTML 29Page - Linear Technology LTC6412 Datasheet HTML 30Page - Linear Technology LTC6412 Datasheet HTML 31Page - Linear Technology LTC6412 Datasheet HTML 32Page - Linear Technology LTC6412 Datasheet HTML 33Page - Linear Technology LTC6412 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
LTC2157-14/
LTC2156-14/LTC2155-14
32
21576514fa
PACKAGE DESCRIPTION
9 .00 ±0.10
(4 SIDES)
NOTE:
1. DRAWING CONFORMS TO JEDEC PACKAGE OUTLINE MO-220 VARIATION WNJR-5
2. ALL DIMENSIONS ARE IN MILLIMETERS
3. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE, IF PRESENT
4. EXPOSED PAD SHALL BE SOLDER PLATED
5. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
6. DRAWING NOT TO SCALE
PIN 1 TOP MARK
(SEE NOTE 5)
0.40 ±0.10
64
63
1
2
BOTTOM VIEW—EXPOSED PAD
7.15 ±0.10
7.15 ±0.10
7.50 REF
(4-SIDES)
0.75 ±0.05
R = 0.10
TYP
R = 0.115
TYP
0.25 ±0.05
0.50 BSC
0.200 REF
0.00 – 0.05
(UP64) QFN 0406 REV C
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70 ±0.05
7.50 REF
(4 SIDES)
7.15 ±0.05
7.15 ±0.05
8.10 ±0.05 9.50 ±0.05
0.25 ±0.05
0.50 BSC
PACKAGE OUTLINE
PIN 1
CHAMFER
C = 0.35
UP Package
64-Lead Plastic QFN (9mm
× 9mm)
(Reference LTC DWG # 05-08-1705 Rev C)
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com