Electronic Components Datasheet Search
  English  ▼

X  

LTC2850 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2850
Description  20Mbps RS485 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2850 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2850 Datasheet HTML 8Page - Linear Technology LTC2850 Datasheet HTML 9Page - Linear Technology LTC2850 Datasheet HTML 10Page - Linear Technology LTC2850 Datasheet HTML 11Page - Linear Technology LTC2850 Datasheet HTML 12Page - Linear Technology LTC2850 Datasheet HTML 13Page - Linear Technology LTC2850 Datasheet HTML 14Page - Linear Technology LTC2850 Datasheet HTML 15Page - Linear Technology LTC2850 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LTC2859/LTC2861
12
285961fc
The integrated termination resistor has a high frequency
response which does not limit performance at the maxi-
mum specified data rate. Figure 12 shows the magnitude
and phase of the termination impedance vs frequency. The
termination resistor cannot be enabled by TE if the device
is unpowered or in thermal shutdown mode.
Supply Current
The unloaded static supply currents in the LTC2859/
LTC2861areverylow—typicallyunder700µAforallmodes
of operation without the internal terminator enabled. In
applications with resistively terminated cables, the supply
currentisdominatedbythedriverload.Forexample,when
usingtwo120Ωterminatorswithadifferentialdriveroutput
voltage of 2V, the DC current is 33mA, which is sourced
by the positive voltage supply. This is true whether the
terminatorsareexternalorinternalsuchasintheLTC2859/
LTC2861. Power supply current increases with toggling
data due to capacitive loading and this term can increase
significantly at high data rates. Figure 13 shows supply
current vs data rate for two different capacitive loads (for
the circuit configuration of Figure 3).
High Speed Considerations
A ground plane layout is recommended for the LTC2859/
LTC2861. A 0.1µF bypass capacitor less than one quarter
inch away from the VCC pin is also recommended. The PC
board traces connected to signals A/B and Z/Y (LTC2861)
shouldbesymmetricalandasshortaspossibletomaintain
good differential signal integrity. To minimize capacitive
effects, the differential signals should be separated by
more than the width of a trace and should not be routed
on top of each other if they are on different signal planes.
Care should be taken to route outputs away from any sen-
sitive inputs to reduce feedback effects that might cause
noise, jitter, or even oscillations. For example, in the full
duplex LTC2861, DI and A/B should not be routed near
the driver or receiver outputs.
The logic inputs of the LTC2859/LTC2861 have 50mV of
hysteresis to provide noise immunity. Fast edges on the
outputscancauseglitchesinthegroundandpowersupplies
whichareexacerbatedbycapacitiveloading.Ifalogicinput
is held near its threshold (typically 1.5V), a noise glitch
Figure 11. Termination Resistance
vs Common Mode Voltage
Figure 12. Termination Magnitude
and Phase vs Frequency
Figure 13. Supply Current vs Data Rate
applicaTions inFormaTion
COMMON MODE VOLTAGE (V)
–10
130
140
10
285961 F11
120
110
–5
0
5
15
150
10–1
100
FREQUENCY (MHz)
101
80
95
110
125
140
155
170
185
–75
–60
–45
–30
–15
0
15
30
285455 F12
MAGNITUDE
PHASE
105
DATA RATE (kbps)
102
45
50
55
60
65
70
75
103
104
285961 F13
RDIFF = 54Ω
CL = 1000pF
CL = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com