Electronic Components Datasheet Search
  English  ▼

X  

LTC4070 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4070
Description  Ultralow Voltage Step-Up Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4070 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4070 Datasheet HTML 16Page - Linear Technology LTC4070 Datasheet HTML 17Page - Linear Technology LTC4070 Datasheet HTML 18Page - Linear Technology LTC4070 Datasheet HTML 19Page - Linear Technology LTC4070 Datasheet HTML 20Page - Linear Technology LTC4070 Datasheet HTML 21Page - Linear Technology LTC4070 Datasheet HTML 22Page - Linear Technology LTC4070 Datasheet HTML 23Page - Linear Technology LTC4070 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC3108-1
24
31081fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 0612 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC3108
Ultralow Voltage Step-Up Converter and Power Manager VIN: 0.02V to 1V; VOUT = 2.35V, 3.3V, 4.1V, 5V Fixed; IQ = 6μA; ISD <1μA;
3mm × 4mm DFN-12 and SSOP-16 Packages
LTC4070
Li-Ion/Polymer Low Current Shunt Battery
Charger System
VIN: 450nA to 50mA; VOUT(MIN): VFLOAT + 4V, 4.1V, 4.2V; IQ = 300nA;
2mm × 3mm DFN-8 and MSOP-8 Packages
LTC1041
Bang-Bang Controller
VIN: 2.8V to 16V; VOUT(MIN) = Adj; IQ = 1.2mA; ISD < 1μA; SO-8 Package
LTC1389
Nanopower Precision Shunt Voltage Reference
VOUT(MIN) = 1.25V; IQ = 0.8μA; SO-8 Package
LT1672/LT1673/
LT1674
Single-/Dual-/Quad-Precision 2μA Rail-to-Rail Op Amps
SO-8, SO-14 and MSOP-8 Packages
LT3009
3μA IQ, 20mA Linear Regulator
VIN: 1.6V to 20V; VOUT(MIN): 0.6V to Adj, 1.2V, 1.5V, 1.8V, 2.5V, 3.3V,
5V to Fixed; IQ = 3μA; ISD < 1μA; 2mm × 2mm DFN-8 and SC70 Packages
LTC3525L-3/
LTC3525L-3.3/
LTC3525L-5
400mA (ISW), Synchronous Step-Up DC/DC Converter
with Output Disconnect
VIN: 0.7V to 4V; VOUT(MIN) = 5VMAX; IQ = 7μA; ISD < 1μA; SC70 Package
LTC3588-1
Piezoelectric Energy Generator with Integrated High
Efficiency Buck Converter
VIN: 2.7V to 20V; VOUT(MIN): Fixed to 1.8V, 2.5V, 3.3V, 3.6V; IQ = 0.95μA;
3mm × 3mm DFN-10 and MSOP-10E Packages
LTC3632
45V, 20mA Synchronous MicroPower Buck Converter
VIN: 4.5V to 45V, 60VMAX; VOUT(MIN): 0.8V to Adj, 3.3V Fixed, 5V Fixed;
IQ = 12μA; ISD < 1μA; 3mm × 3mm DFN-8 and MSOP-8E Packages
LTC3642
45V, 50mA Synchronous MicroPower Buck Converter
VIN: 4.5V to 45V, 60VMAX; VOUT(MIN): 0.8V to Adj, 3.3V Fixed, 5V Fixed;
IQ = 12μA; ISD < 1μA; 3mm × 3mm DFN-8 and MSOP-8E Packages
LT8410/ LT8410-1
MicroPower 25mA/8mA Low Noise Boost Converter
with Integrated Schottky Diode and Output Disconnect
VIN: 2.6V to 16V; VOUT(MIN) = 40VMAX; IQ = 8.5μA; ISD < 1μA;
2mm × 2mm DFN-8 Package
31081 TA08
C1
TEC
HOT
COLD
C2
SW
VS2
VS1
VSTORE
VOUT2
VOUT2
PGOOD
VOUT
VLDO
COUT
PGD
VLDO
+
VOUT
VOUT2_EN
LTC3108-1
VAUX
GND
2.2μF
CSTORE
5.25V
VAUX
1μF
1nF
2.2V
3V
1:100
LPR6235-752SML
330pF
ON
OFF
C1
TEC
C2
SW
VS2
VS1
VSTORE
VOUT2
PGD
VLDO
+
VOUT
VOUT2_EN
LTC3108-1
VAUX
GND
1nF
1:100
LPR6235-752SML
330pF
+
+
COLD
HOT
499k
499k
THERMOELECTRIC
GENERATOR
THERMOELECTRIC
GENERATOR
Dual TEG Energy Harvester Operates from Temperature Differentials of Either Polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com