Electronic Components Datasheet Search
  English  ▼

X  

LTM9003 Datasheet(PDF) 26 Page - Linear Technology

Part # LTM9003
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9003 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTM9003 Datasheet HTML 22Page - Linear Technology LTM9003 Datasheet HTML 23Page - Linear Technology LTM9003 Datasheet HTML 24Page - Linear Technology LTM9003 Datasheet HTML 25Page - Linear Technology LTM9003 Datasheet HTML 26Page - Linear Technology LTM9003 Datasheet HTML 27Page - Linear Technology LTM9003 Datasheet HTML 28Page - Linear Technology LTM9003 Datasheet HTML 29Page - Linear Technology LTM9003 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
LTC2157-14/
LTC2156-14/LTC2155-14
26
21576514fa
REGISTER A3: OUTPUT MODE REGISTER (ADDRESS 03h)
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
ILVDS2
ILVDS1
ILVDS0
TERMON
OUTOFF
Bits 7-5
Unused, This Bit Read Back as 0
Bits 4-2
ILVDS2:ILVDS0 LVDS Output Current Bits
000 = 3.5mA LVDS Output Driver Current
001 = 4.0mA LVDS Output Driver Current
010 = 4.5mA LVDS Output Driver Current
011 = Not Used
100 = 3.0mA LVDS Output Driver Current
101 = 2.5mA LVDS Output Driver Current
110 = 2.1mA LVDS Output Driver Current
111 = 1.75mA LVDS Output Driver Current
Bit 1
TERMON
LVDS Internal Termination Bit
0 = Internal Termination Off
1 = Internal Termination On. LVDS output driver current is 2× the current set by ILVDS2:ILVDS0
Bit 0
OUTOFF
Digital Output Mode Control Bits
0 = Digital Outputs Are Enabled
1 = Digital Outputs Are Disabled (High Impedance)
REGISTER A4: DATA FORMAT REGISTER (ADDRESS 04h)
D7
D6
D5
D4
D3
D2
D1
D0
OUTTEST2
OUTTEST1
OUTTEST0
ABP
0
DTESTON
RAND
TWOSCOMP
Bits 7-5
OUTTEST2:OUTTEST0
Digital Output Test Pattern Bits
000 = All Digital Outputs = 0
001 = All Digital Outputs = 1
010 = Alternating Output Pattern. OF, D13-D0 alternate between 000 0000 0000 0000 and 111 1111 1111 1111
100 = Checkerboard Output Pattern. OF, D13-D0 alternate between 101 0101 0101 0101 and 010 1010 1010 1010
Note 1: Other bit combinations are not used.
Note 2: Patterns from channel A and channel B may not be synchronous.
Bit 4
ABP
Alternate Bit Polarity Mode Control Bit
0 = Alternate Bit Polarity Mode Off
1 = Alternate Bit Polarity Mode On
Bit 3
Must Be Set to 0
Bit 2
DTESTON
Enable the digital output test patterns (set by Bits 7-5)
0 = Normal Mode
1 = Enable the Digital Output Test Patterns
Bit 1
RAND
Data Output Randomizer Mode Control Bit
0 = Data Output Randomizer Mode Off
1 = Data Output Randomizer Mode On
Bit 0
TWOSCOMP Two’s Complement Mode Control Bit
0 = Offset Binary Data Format
1 = Two’s Complement Data Format
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com