Electronic Components Datasheet Search
  English  ▼

X  

LT1673 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1673
Description  Ultralow Voltage Step-Up Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1673 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1673 Datasheet HTML 3Page - Linear Technology LT1673 Datasheet HTML 4Page - Linear Technology LT1673 Datasheet HTML 5Page - Linear Technology LT1673 Datasheet HTML 6Page - Linear Technology LT1673 Datasheet HTML 7Page - Linear Technology LT1673 Datasheet HTML 8Page - Linear Technology LT1673 Datasheet HTML 9Page - Linear Technology LT1673 Datasheet HTML 10Page - Linear Technology LT1673 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC3108
7
3108fb
VAUX (Pin 1/Pin 2): Output of the Internal Rectifier Cir-
cuit and VCC for the IC. Bypass VAUX with at least 1μF of
capacitance. An active shunt regulator clamps VAUX to
5.25V (typical).
VSTORE (Pin 2/Pin 3): Output for the Storage Capacitor
or Battery. A large capacitor may be connected from this
pin to GND for powering the system in the event the input
voltage is lost. It will be charged up to the maximum VAUX
clamp voltage. If not used, this pin should be left open
or tied to VAUX.
VOUT (Pin 3/Pin 4): Main Output of the Converter. The
voltage at this pin is regulated to the voltage selected by
VS1 and VS2 (see Table 1). Connect this pin to an energy
storage capacitor or to a rechargeable battery.
VOUT2 (Pin 4/Pin 5): Switched Output of the Converter.
Connect this pin to a switched load. This output is open
until VOUT2_EN is driven high, then it is connected to
VOUT through a 1.3Ω P-channel switch. If not used, this
pin should be left open or tied to VOUT. The peak current
in this output is limited to 0.3A typical.
VLDO (Pin 5/Pin 6): Output of the 2.2V LDO. Connect a
2.2μF or larger ceramic capacitor from this pin to GND.
If not used, this pin should be tied to VAUX.
PGD (Pin 6/Pin 7): Power Good Output. When VOUT is
within 7.5% of its programmed value, PGD will be pulled
up to VLDO through a 1MΩ resistor. If VOUT drops 9%
below its programmed value PGD will go low. This pin
can sink up to 100μA.
VS2 (Pin 7/Pin 10): VOUT Select Pin 2. Connect this pin
to ground or VAUX to program the output voltage (see
Table 1).
VS1 (Pin 8/Pin 11): VOUT Select Pin 1. Connect this pin
to ground or VAUX to program the output voltage (see
Table 1).
VOUT2_EN (Pin 9/Pin 12): Enable Input for VOUT2. VOUT2
will be enabled when this pin is driven high. There is an
internal 5M pull-down resistor on this pin. If not used,
this pin can be left open or grounded.
C1 (Pin 10/Pin 13): Input to the Charge Pump and Rectifier
Circuit. Connect a capacitor from this pin to the secondary
winding of the step-up transformer.
C2 (Pin 11/Pin 14): Input to the N-Channel Gate Drive
Circuit. Connect a capacitor from this pin to the secondary
winding of the step-up transformer.
SW (Pin 12/Pin 15): Drain of the Internal N-Channel
Switch. Connect this pin to the primary winding of the
transformer.
GND (Pins 1, 8, 9, 16) SSOP Only: Ground
GND (Exposed Pad Pin 13) DFN Only: Ground. The DFN
exposed pad must be soldered to the PCB ground plane.
It serves as the ground connection, and as a means of
conducting heat away from the die.
Table 1. Regulated Voltage Using Pins VS1 and VS2
VS2
VS1
VOUT
GND
GND
2.35V
GND
VAUX
3.3V
VAUX
GND
4.1V
VAUX
VAUX
5V
PIN FUNCTIONS (DFN/SSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com