Electronic Components Datasheet Search
  English  ▼

X  

LTC5575 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC5575
Description  16-Bit, 20Msps Low Power ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5575 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC5575 Datasheet HTML 19Page - Linear Technology LTC5575 Datasheet HTML 20Page - Linear Technology LTC5575 Datasheet HTML 21Page - Linear Technology LTC5575 Datasheet HTML 22Page - Linear Technology LTC5575 Datasheet HTML 23Page - Linear Technology LTC5575 Datasheet HTML 24Page - Linear Technology LTC5575 Datasheet HTML 25Page - Linear Technology LTC5575 Datasheet HTML 26Page - Linear Technology LTC5575 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC2159
23
2159f
Serial Programming Mode
To use the serial programming mode, PAR/SER should be
tied to ground. The CS, SCK, SDI and SDO pins become a
serialinterfacethatprogramtheA/Dmodecontrolregisters.
Data is written to a register with a 16-bit serial word. Data
can also be read back from a register to verify its contents.
Serial data transfer starts when CS is taken low. The data
on the SDI pin is latched at the first 16 rising edges of
SCK. Any SCK rising edges after the first 16 are ignored.
The data transfer ends when CS is taken high again.
The first bit of the 16-bit input word is the R/W bit. The
next seven bits are the address of the register (A6:A0).
The final eight bits are the register data (D7:D0).
If the R/W bit is low, the serial data (D7:D0) will be writ-
ten to the register set by the address bits (A6:A0). If the
R/W bit is high, data in the register set by the address bits
(A6:A0) will be read back on the SDO pin (see the Timing
Diagrams). During a read back command the register is
not updated and data on SDI is ignored.
The SDO pin is an open drain output that pulls to ground
with a 200Ω impedance. If register data is read back
through SDO, an external 2k pull-up resistor is required. If
serial data is only written and read back is not needed, then
SDO can be left floating and no pull-up resistor is needed.
Table 3 shows a map of the mode control registers.
Software Reset
If serial programming is used, the mode control registers
shouldbeprogrammedassoonaspossibleafterthepower
supplies turn on and are stable. The first serial command
must be a software reset which will reset all register data
bits to logic 0. To perform a software reset, bit D7 in the
reset register is written with a logic 1. After the reset SPI
write command is complete, bit D7 is automatically set
back to zero.
applicaTions inForMaTion
Table 3. Serial Programming Mode Register Map (PAR/SER = GND)
REGISTER A0: RESET REGISTER (ADDRESS 00h)
D7
D6
D5
D4
D3
D2
D1
D0
RESET
X
X
X
X
X
X
X
Bits 7
RESET
Software Reset Bit
0 = Not Used
1 = Software Reset. All Mode Control Registers are reset to 00h. The ADC is momentarily placed in sleep mode.
This bit is automatically set back to zero at the end of the SPI write command.
The Reset register is write-only. Data read back from the reset register will be random.
Bits 6-0
Unused, Don’t Care Bits
REGISTER A1: POWER DOWN REGISTER (ADDRESS 01h)
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
PWROFF1
PWROFF0
Bits 7-2
Unused, Don’t Care Bits
Bits 1-0
PWROFF1: PWROFF0
Power Down Control Bits
00 = Normal Operation
01 = Not Used
10 = Nap Mode
11 = Sleep Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com