Electronic Components Datasheet Search
  English  ▼

X  

LTC5575 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC5575
Description  16-Bit, 20Msps Low Power Dual ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5575 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC5575 Datasheet HTML 19Page - Linear Technology LTC5575 Datasheet HTML 20Page - Linear Technology LTC5575 Datasheet HTML 21Page - Linear Technology LTC5575 Datasheet HTML 22Page - Linear Technology LTC5575 Datasheet HTML 23Page - Linear Technology LTC5575 Datasheet HTML 24Page - Linear Technology LTC5575 Datasheet HTML 25Page - Linear Technology LTC5575 Datasheet HTML 26Page - Linear Technology LTC5575 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23
2188f
LTC2188
applicaTions inForMaTion
Full Rate CMOS Mode
In full rate CMOS mode the data outputs (D1_0 to D1_15
and D2_0 to D2_15), overflow (OF2, OF1), and the data
output clocks (CLKOUT+, CLKOUT–) have CMOS output
levels. The outputs are powered by OVDDandOGNDwhich
are isolated from the A/D core power and ground. OVDD
can range from 1.1V to 1.9V, allowing 1.2V through 1.8V
CMOS logic outputs.
For good performance the digital outputs should drive
minimal capacitive loads. If the load capacitance is larger
than 10pF a digital buffer should be used.
Double Data Rate CMOS Mode
In Double Data Rate CMOS mode, two data bits are multi-
plexed and output on each data pin. This reduces the num-
ber of digital lines by seventeen, simplifying board routing
and reducing the number of input pins needed to receive
the data. The data outputs (D1_0_1, D1_2_3, D1_4_5,
D1_6_7, D1_8_9, D1_10_11, D1_12_13, D1_14_15,
D2_0_1, D2_2_3, D2_4_5, D2_6_7, D2_8_9, D2_10_11,
D2_12_13, D2_14_15), overflow (OF2_1), and the data
output clocks (CLKOUT+, CLKOUT–) have CMOS output
levels. The outputs are powered by OVDDandOGNDwhich
are isolated from the A/D core power and ground. OVDD
can range from 1.1V to 1.9V, allowing 1.2V through 1.8V
CMOS logic outputs. Note that the overflow for both ADC
channels is multiplexed onto the OF2_1 pin.
For good performance the digital outputs should drive
minimal capacitive loads. If the load capacitance is larger
than 10pF a digital buffer should be used.
Double Data Rate LVDS Mode
In double data rate LVDS mode, two data bits are multi-
plexed and output on each differential output pair. There
are eight LVDS output pairs per ADC channel (D1_0_1+/
D1_0_1– through D1_14_15+/D1_14_15– and D2_0_1+/
D2_0_1– through D2_14_15+/D2_14_15–) for the digital
output data. Overflow (OF2_1+/OF2_1–) and the data
output clock (CLKOUT+/CLKOUT–) each have an LVDS
output pair. Note that the overflow for both ADC channels
is multiplexed onto the OF2_1+/OF2_1– output pair.
By default the outputs are standard LVDS levels: 3.5mA
output current and a 1.25V output common mode volt-
age. An external 100Ω differential termination resistor
is required for each LVDS output pair. The termination
resistors should be located as close as possible to the
LVDS receiver.
The outputs are powered by OVDD and OGND which are
isolated from the A/D core power and ground. In LVDS
mode, OVDD must be 1.8V.
Programmable LVDS Output Current
In LVDS mode, the default output driver current is 3.5mA.
Thiscurrentcanbeadjustedbyseriallyprogrammingmode
control register A3. Available current levels are 1.75mA,
2.1mA, 2.5mA, 3mA, 3.5mA, 4mA and 4.5mA.
Optional LVDS Driver Internal Termination
In most cases using just an external 100Ω termination
resistor will give excellent LVDS signal integrity. In addi-
tion, an optional internal 100Ω termination resistor can
be enabled by serially programming mode control register
A3. The internal termination helps absorb any reflections
caused by imperfect termination at the receiver. When the
internal termination is enabled, the output driver current
is doubled to maintain the same output voltage swing.
Overflow Bit
The overflow output bit outputs a logic high when the
analog input is either over-ranged or under-ranged. The
overflow bit has the same pipeline latency as the data bits.
In Full-Rate CMOS mode each ADC channel has its own
overflow pin (OF1 for channel 1, OF2 for channel 2). In
DDR CMOS or DDR LVDS mode the overflow for both ADC
channels is multiplexed onto the OF2_1 output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com