Electronic Components Datasheet Search
  English  ▼

X  

LTC6412 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC6412
Description  16-Bit, 20Msps Low Power ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC6412 Datasheet HTML 24Page - Linear Technology LTC6412 Datasheet HTML 25Page - Linear Technology LTC6412 Datasheet HTML 26Page - Linear Technology LTC6412 Datasheet HTML 27Page - Linear Technology LTC6412 Datasheet HTML 28Page - Linear Technology LTC6412 Datasheet HTML 29Page - Linear Technology LTC6412 Datasheet HTML 30Page - Linear Technology LTC6412 Datasheet HTML 31Page - Linear Technology LTC6412 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
LTC2159
30
2159f
Typical applicaTions
VCM
AIN+
AIN–
GND
REFH
REFL
REFH
REFL
PAR/SER
GND
GND
VDD
AIN+
AIN–
D11
D10
D9
D8
OVDD
OGND
CLKOUT+
CLKOUT–
D7
D6
D5
D4
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
SPI PORT
2159 TA02
GND ENC+ ENC– CS SCK SDI
VDD
VDD
D0
D1
D2
D3
24
23
22
21
19
18
17
16
15
14
37
38
39
40
41
42
43
44
46
47
45
48
13
VDD
VDD
VDD SENSE VREF SDO
SDO
GND OF
D15
DNC
D14 D13 D12
0VDD
C37
0.1µF
LTC2159
C15
0.1µF
C21
0.1µF
C18
0.1µF
GND
20
SENSE
DIGITAL
OUTPUTS
C32
0.1µF
R51
100Ω
ENCODE
CLOCK
C28
0.1µF
C19
0.1µF
C23
2.2µF
C51
0.1µF
+
–
+
–
–
+
–
+
CN1
PAR/SER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com