Electronic Components Datasheet Search
  English  ▼

X  

LT1672 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1672
Description  Auto-Polarity, Ultralow Voltage Step-Up Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1672 Datasheet(HTML) 5 Page - Linear Technology

  LT1672 Datasheet HTML 1Page - Linear Technology LT1672 Datasheet HTML 2Page - Linear Technology LT1672 Datasheet HTML 3Page - Linear Technology LT1672 Datasheet HTML 4Page - Linear Technology LT1672 Datasheet HTML 5Page - Linear Technology LT1672 Datasheet HTML 6Page - Linear Technology LT1672 Datasheet HTML 7Page - Linear Technology LT1672 Datasheet HTML 8Page - Linear Technology LT1672 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC3109
5
3109fa
TYPICAL PERFORMANCE CHARACTERISTICS
Resonant Switching Waveforms
LDO Load Regulation
LDO Dropout Voltage
Start-Up Voltage Sequencing
VOUT and PGOOD Response
During a Step Load
VOUT Ripple
VOUT and VLDO vs Temperature
VAUX Clamp Voltage
vs Shunt Current
PVOUT vs dT and TEG Size,
1:100 Ratio, VOUT = 5V
TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–50
0.75
25
3109 G06
0
–0.50
–25
0
50
–0.75
–1.00
1.00
0.50
0.25
–0.25
75
100
125
VLDO
VOUT
VAUX SHUNT CURRENT (mA)
0
5.3
5.4
5.5
12
3109 G07
5.2
5.1
5.0
3
6
9
15
dT (°K)
0
1.0
2.0
3.0
0.5
1.5
2.5
24
6
8
3109 G08
10
1
03
5
7
9
FERROTEC 9500/127/100B
40mm
FERROTEC 9501/071/040B
22mm
20μs/DIV
C1 A OR B
2V/DIV
C2 A OR B
2V/DIV
3109 G9
LDO LOAD (mA)
0
–1.00
–0.75
–0.50
0.5
1
1.5
2
3
2.5
3.5
–0.25
0.00
4
3109 G10
LDO LOAD (mA)
0
0.00
0.04
0.08
0.12
0.5
1
1.5
2
3
2.5
3.5
0.16
0.20
0.02
0.06
0.10
0.14
0.18
4
3109 G11
10SEC/DIV
3109 G12
CH1
VSTORE
1V/DIV
CH2, VOUT
1V/DIV
CH3, VLDO
1V/DIV
VIN = 50mV
1:100 RATIO TRANSFORMER
COUT = 220μF
CSTORE = 470μF
CLDO = 2.2μF
5ms/DIV
3109 G13
CH2
VOUT
1V/DIV
CH1
PGD
1V/DIV
50mA LOAD STEP
COUT = 220μF
100ms/DIV
3109 G14
20mV/
DIV
30μA LOAD
COUT = 220μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com