Electronic Components Datasheet Search
  English  ▼

X  

LT1674 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1674
Description  Auto-Polarity, Ultralow Voltage Step-Up Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1674 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1674 Datasheet HTML 6Page - Linear Technology LT1674 Datasheet HTML 7Page - Linear Technology LT1674 Datasheet HTML 8Page - Linear Technology LT1674 Datasheet HTML 9Page - Linear Technology LT1674 Datasheet HTML 10Page - Linear Technology LT1674 Datasheet HTML 11Page - Linear Technology LT1674 Datasheet HTML 12Page - Linear Technology LT1674 Datasheet HTML 13Page - Linear Technology LT1674 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC3109
10
3109fa
VOUT storage capacitor is still charging. In the event of a
step load on the LDO output, current can come from the
main VOUT reservoir capacitor. The LDO requires a 2.2μF
ceramic capacitor for stability. Larger capacitor values
can be used without limitation, but will increase the time
it takes for all the outputs to charge up. The LDO output
is current limited to 5mA minimum.
VOUT
The main output voltage on VOUT is charged from the VAUX
supply, and is user-programmed to one of four regulated
voltages using the voltage select pins VS1 and VS2, ac-
cording to Table 2. Although the logic-threshold voltage
for VS1 and VS2 is 0.85V typical, it is recommended that
they be tied to ground or VAUX.
Table 2
VS2
VS1
VOUT
GND
GND
2.35V
GND
VAUX
3.3V
VAUX
GND
4.1V
VAUX
VAUX
5V
When the output voltage drops slightly below the regulated
value, the charging current will be enabled as long as VAUX
is greater than 2.5V. Once VOUT has reached the proper
value, the charging current is turned off. The resulting
ripple on VOUT is typically less than 20mV peak to peak.
The internal programmable resistor divider, controlled by
VS1 and VS2, sets VOUT, eliminating the need for very
high value external resistors that are susceptible to noise
pickup and board leakages.
In a typical application, a reservoir capacitor (typically a
few hundred microfarads) is connected to VOUT. As soon
as VAUX exceeds 2.5V, the VOUT capacitor will begin to
charge up to its regulated voltage. The current available
to charge the capacitor will depend on the input voltage
and transformer turns ratio, but is limited to about 15mA
typical. Note that for very low input voltages, this current
may be in the range of 1μA to 1000μA.
PGOOD
A power good comparator monitors the VOUT voltage.
The PGOOD pin is an open-drain output with a weak pull-
up (1MΩ) to the LDO voltage. Once VOUT has charged
to within 7.5% of its programmed voltage, the PGOOD
output will go high. If VOUT drops more than 9% from its
programmed voltage, PGOOD will go low. The PGOOD
output is designed to drive a microprocessor or other
chip I/O and is not intended to drive a higher current load
such as an LED. The PGOOD pin can also be pulled low in
a wire-OR configuration with other circuitry.
VOUT2
VOUT2 is an output that can be turned on and off by the
host using the VOUT2_EN pin. When enabled, VOUT2 is con-
nected to VOUT through a 1Ω P-channel MOSFET switch.
This output, controlled by a host processor, can be used
to power external circuits such as sensors and amplifiers,
that don’t have a low power “sleep” or shutdown capabil-
ity. VOUT2 can be used to power these circuits only when
they are needed.
Minimizing the amount of decoupling capacitance on
VOUT2 enables it to be switched on and off faster, allow-
ing shorter pulse times and therefore smaller duty cycles
in applications such as a wireless sensor/transmitter. A
small VOUT2 capacitor will also minimize the energy that
will be wasted in charging the capacitor every time VOUT2
is enabled.
VOUT2 has a current limiting circuit that limits the peak
current to 0.3A typical.
The VOUT2 enable input has a typical threshold of 1V
with 100mV of hysteresis, making it logic compatible. If
VOUT2_EN (which has an internal 5M pull-down resistor)
is low, VOUT2 will be off. Driving VOUT2_EN high will turn
on the VOUT2 output.
Note that while VOUT2_EN is high, the current limiting cir-
cuitry for VOUT2 draws an extra 8μA of quiescent current
from VOUT. This added current draw has a negligible effect
OPERATION (Refer to the Block Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com