Electronic Components Datasheet Search
  English  ▼

X  

LTC3556 Datasheet(PDF) 46 Page - Linear Technology

Part # LTC3556
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3556 Datasheet(HTML) 46 Page - Linear Technology

Back Button LTC3556 Datasheet HTML 42Page - Linear Technology LTC3556 Datasheet HTML 43Page - Linear Technology LTC3556 Datasheet HTML 44Page - Linear Technology LTC3556 Datasheet HTML 45Page - Linear Technology LTC3556 Datasheet HTML 46Page - Linear Technology LTC3556 Datasheet HTML 47Page - Linear Technology LTC3556 Datasheet HTML 48Page - Linear Technology LTC3556 Datasheet HTML 49Page - Linear Technology LTC3556 Datasheet HTML 50Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
46
3589fe
TYPICAL APPLICATION
VIN
VIN
PVIN1
37
6
7
39
24
25
33
27
26
34
15
16
40
12
19
1
2
38
5
3
4
32
31
30
28
8
29
17
22
23
SW1
158k
10pF
22μF
100k
LDO1_STDBY
LDO1_FB
EN1
EN2
EN3
EN4
EN_LDO2
EN_LDO3
ON
LTC3589-2
GND
BUCK1_FB
PVIN2
SW2
PVIN3
PVIN4
BUCK2_FB
36
VRTC
1.3V
25mA
35
11
10
IMX_LDO_1V8
WAKE
SW2_VCC
DDR_1V5
ENABLE_DDR_1V5
13
14
9
18
20
21
100k
158k
SW3
SW4AB
SW4CD
VIN_LDO2
LDO2_FB
VIN_LDO34
LDO2
LDO3
LDO4
1μF
BUCK3_FB
BB_OUT
BB_FB
41
GND 1-95
PWR_ON
PWR_ON
DVDD
SDA
SCL
VSTB
RST0
PGOOD
PBSTAT
WAKE
IRQ
3589 TA02
VDDA_1-4
VDDAL1
VP1-2
NVCC_EMI_DRAM_1-5
DDR_REF
FASTR_ANA
FASTR_DIG
VDD_FUSE
I2C2_SDA (KEY_ROW3)
I2C2_SCL (EMI_EB2)
PMIC_STBY_REQ
PMIC_ON_REQ
GPIO/PMIC_RDY
GPIO/IRQ
GPIO
DDR_1V5
DDR_REF
NVCC_LCD_1-2
NVCC_JTAG
TVDAC_AHVDDRGB_1-2
TVDAC_DHVDD
VDD_REG(IMX_LDO_1V8_IN)
NVCC_XTAL
NVCC_LVDS
NVCC_LVDS_BG
USB_OTG_VDDA25
USB_H1_VDDA25
VPH1
VHP2
NVCC_NANDF
NVCC_EIM_MAIN_1
NVCC_EIM_MAIN_2
NVCC_EIM_SEC
NVCC_SD1
NVCC_SD2
NVCC_PATA
NVCC_FEC
NVCC_GPIO
NVCC_CSI
NVCC_KEYPAD
USB_H1_VDDA33
USB_OTG_VDDA33
VDD_DIG_PLL(LDO_OUT)
VDDGP_1-15
VCC_1-33
VDD_ANA_PLL(LDO_OUT)
NVCC_CKIH
NVCC_RESET
NVCC_SRTC_PDW
PWR_ON
10μF
1μH
1.5μH
2.2μH
10μF
10μF
10μF
10μF
22μF
191k
10pF
22μF
IMX_LDO_1V8
SW2_VCC
PERIPHERAL CORE
1.31V RUN
0.95V STBY
1.2A
2.5V 1.2A
1.3V
VI-O
3.35V
1.2A
ANALOG
2.8V
250mA
3.2V 250mA
ANALOG
1.3V
250mA
ARM CORE
1.10V RUN
0.85V STBY
1.6A
180k
22μF
22μF
100k
10pF
22μF
270k
158k
22μF
1μF
2.5μH
511k
10pF
191k
180k
4.7k
4.7k
47k
47k
47k
2.2μF
10μF
2.2μF
2.2μF
FREESCALE
i.MX536
47k
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com