Electronic Components Datasheet Search
  English  ▼

X  

LTC3577 Datasheet(PDF) 41 Page - Linear Technology

Part # LTC3577
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 41 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 37Page - Linear Technology LTC3577 Datasheet HTML 38Page - Linear Technology LTC3577 Datasheet HTML 39Page - Linear Technology LTC3577 Datasheet HTML 40Page - Linear Technology LTC3577 Datasheet HTML 41Page - Linear Technology LTC3577 Datasheet HTML 42Page - Linear Technology LTC3577 Datasheet HTML 43Page - Linear Technology LTC3577 Datasheet HTML 44Page - Linear Technology LTC3577 Datasheet HTML 45Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
41
3589fe
Table 18. LTC3589 Read-Only Status Register Table
REG
NAME
B[7]
B[6]
B[5]
B[4]
B[3]
B[2]
B[1]
B[0]
0x02
IRQSTAT Thermal
Limit Hard
Shutdown
Occurred
Near Thermal
Limit
Undervoltage
Hard
Shutdown
Occurred
Near Undervoltage
Limit
PGOOD
Timeout Hard
Shutdown
Occurred
Unused
Unused
Unused
0x13
PGSTAT
LDO4 Status:
0 = VOUT Low
1 = VOUT Good
LDO3 Status:
0 = VOUT Low
1 = VOUT Good
LDO2 Status:
0 = VOUT Low
1 = VOUT Good
Buck_Boost
Status:
0 = VOUT Low
1 = VOUT Good
Step-Down
Switching
Regulator 3
Status:
0 = VOUT Low
1 = VOUT Good
Step-Down
Switching
Regulator 2
Status:
0 = VOUT Low
1 = VOUT Good
Step-Down
Switching
Regulator 1
Status:
0 = VOUT Low
1 = VOUT Good
LDO1 Status:
0 = VOUT Low
1 = VOUT Good
Table 17. LTC3589 Command Register Table
REG
NAME
B[7]
B[6]
B[5]
B[4]
B[3]
B[2]
B[1]
B[0]
DEFAULT
0x33
LTC3589
L2DTV2 LDO4 Control
MODE:
0 = LDO4
Enable with
EN_LDO34
1 = LDO4
Enable with
OVEN[6]
LDO4 Output Voltage:
00 = 2.8V
01 = 2.5V
10 = 1.8V
11 = 3.3V
LDO 2 Feedback Reference Input (V2)
00000 = 362.5mV
11001 = 675mV
11111 = 750mV
12.5mV Step Size
0001 1001
0x33
LTC3589-1
LTC3589-2
L2DTV2 Unused
LDO4 Output Voltage:
00 = 1.2V
01 = 1.8V
10 = 2.8V
11 = 3.2V
LDO 2 Feedback Reference Input (V2)
00000 = 362.5mV
11001 = 675mV
11111 = 750mV
12.5mV Step Size
0001 1001
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com