Electronic Components Datasheet Search
  English  ▼

X  

LTC3602 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3602
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3602 Datasheet HTML 13Page - Linear Technology LTC3602 Datasheet HTML 14Page - Linear Technology LTC3602 Datasheet HTML 15Page - Linear Technology LTC3602 Datasheet HTML 16Page - Linear Technology LTC3602 Datasheet HTML 17Page - Linear Technology LTC3602 Datasheet HTML 18Page - Linear Technology LTC3602 Datasheet HTML 19Page - Linear Technology LTC3602 Datasheet HTML 20Page - Linear Technology LTC3602 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LTC3613
17
3613fa
APPLICATIONS INFORMATION
The inductor DCR is sensed by connecting an RC filter
across the inductor. This filter typically consists of one
or two resistors (R1 and R2) and one capacitor (C1) as
shown in Figure 4. If the external R1||R2 • C1 time constant
is chosen to be exactly equal to the L/DCR time constant,
the voltage drop across the external capacitor is equal
to the voltage drop across the inductor DCR multiplied
by R2/(R1 + R2). Therefore, R2 may be used to scale
the voltage across the sense terminals when the DCR is
greater than the target sense resistance. With the ability
to program current limit through the VRNG pin, R2 may
be optional. C1 is usually selected to be in the range of
0.01μF to 0.47μF. This forces R1|| R2 to around 2k to 4k,
reducing error that might have been caused by the sense
pins’ input bias currents.
The first step in designing DCR current sensing is to
determine the DCR of the inductor. Where provided, use
the manufacturer’s maximum value, usually given at 25°C.
Increase this value to account for the temperature coef-
ficient of resistance, which is approximately 0.4%/°C. A
conservative value for inductor temperature TL is 100°C.
The DCR of the inductor can also be measured using a good
RLC meter, but the DCR tolerance is not always the same
and varies with temperature; consult the manufacturers’
datasheets for detailed information.
From the DCR value, VSENSE(MAX) is calculated as:
VSENSE(MAX)=DCRMAX at 25°C• 1+0.4% TL(MAX)–25°C
()
⎡
⎣
⎤
⎦
• I
OUT(MAX) –ΔIL /2
⎡⎣
⎤⎦
If VSENSE(MAX) is within the maximum sense voltage of
the LTC3613 as programmed by the VRNG pin (30mV to
100mV), then the RC filter only needs R1. If VSENSE(MAX) is
higher, then R2 may be used to scale down the maximum
sense voltage so that it falls within range.
The maximum power loss in R1 is related to duty cycle,
and will occur in continuous mode at the maximum input
voltage:
PLOSS R1
()=
VIN(MAX)–VOUT
()•V
OUT
R1
Ensure that R1 has a power rating higher than this value.
If high efficiency is necessary at light loads, consider this
power loss when deciding whether to use DCR sensing or
RSENSE sensing. Light load power loss can be modestly
higher with a DCR network than with a sense resistor due
to the extra switching losses incurred through R1. However,
DCR sensing eliminates a sense resistor, reduces conduc-
tion losses and provides higher efficiency at heavy loads.
Peak efficiency is about the same with either method.
To maintain a good signal-to-noise ratio for the current
sense signal, use a minimum ΔVSENSE of 10mV. For a
DCR sensing application, the actual ripple voltage will be
determined by:
ΔV
SENSE =
VIN –VOUT
R1
•C1
•
VOUT
VIN • f
Operating Multiple Units in Parallel
The LTC3613’s current mode control architecture makes
it straightforward to parallel multiple units for higher
output current. Figure 13 shows an example circuit of two
LTC3613s placed in parallel to provide 30A at 1.2V from
a 6V to 24V input. The signals at MODE/PLLIN are 180°
out of phase, to reduce stress on the input and output
capacitors.
Since the ITH pin voltage determines the cycle-by-cycle
valley inductor current, sharing is achieved by connecting
the ITH pins together. Because the ITH pin is sensitive to
noise, a small 22pF to 47pF decoupling capacitor should



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com