Electronic Components Datasheet Search
  English  ▼

X  

LTM9002 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM9002
Description  16-Bit, 20Msps Low Power Dual ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 13Page - Linear Technology LTM9002 Datasheet HTML 14Page - Linear Technology LTM9002 Datasheet HTML 15Page - Linear Technology LTM9002 Datasheet HTML 16Page - Linear Technology LTM9002 Datasheet HTML 17Page - Linear Technology LTM9002 Datasheet HTML 18Page - Linear Technology LTM9002 Datasheet HTML 19Page - Linear Technology LTM9002 Datasheet HTML 20Page - Linear Technology LTM9002 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
17
2188f
LTC2188
DOUBLE DATA RATE LVDS OUTPUT MODE
All Pins Below Have LVDS Output Levels. The Output
Current Level Is Programmable. There Is an Optional
Internal 100Ω Termination Resistor Between the Pins
of Each LVDS Output Pair.
D2_0_1–/D2_0_1+toD2_14_15–/D2_14_15+(Pins23/24,
25/26, 27/28, 29/30, 31/32, 33/34, 35/36, 37/38): Chan-
nel 2 Double Data Rate Digital Outputs. Two data bits are
multiplexedontoeachdifferentialoutputpair.Theevendata
bits (D0, D2, D4, D6, D8, D10, D12, D14) appear when
CLKOUT+ is low. The odd data bits (D1, D3, D5, D7, D9,
D11, D13, D15) appear when CLKOUT+ is high.
CLKOUT–/CLKOUT+ (Pins 39/40): Data Output Clock.
The digital outputs normally transition at the same time
as the falling and rising edges of CLKOUT+. The phase of
CLKOUT+ can also be delayed relative to the digital outputs
by programming the mode control registers.
D1_0_1–/D1_0_1+toD1_14_15–/D1_14_15+(Pins43/44,
45/46, 47/48, 49/50, 51/52, 53/54, 55/56, 57/58): Chan-
nel 2 Double Data Rate Digital Outputs. Two data bits are
multiplexedontoeachdifferentialoutputpair.Theevendata
bits (D0, D2, D4, D6, D8, D10, D12, D14) appear when
CLKOUT+ is low. The odd data bits (D1, D3, D5, D7, D9,
D11, D13, D15) appear when CLKOUT+ is high.
OF2_1–/OF2_1+ (Pins 59/60): Over/Under Flow Digital
Output. OF2_1+ is high when an overflow or underflow
has occurred. The over/under flow for both channels are
multiplexed onto this pin. Channel 2 appears when CLK-
OUT+islow,andChannel1appearswhenCLKOUT+ishigh.
pin FuncTions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com