Electronic Components Datasheet Search
  English  ▼

X  

LTC3103 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3103
Description  High Efficiency, 65V 500mA Synchronous
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3103 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3103 Datasheet HTML 3Page - Linear Technology LTC3103 Datasheet HTML 4Page - Linear Technology LTC3103 Datasheet HTML 5Page - Linear Technology LTC3103 Datasheet HTML 6Page - Linear Technology LTC3103 Datasheet HTML 7Page - Linear Technology LTC3103 Datasheet HTML 8Page - Linear Technology LTC3103 Datasheet HTML 9Page - Linear Technology LTC3103 Datasheet HTML 10Page - Linear Technology LTC3103 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTC3630
7
3630fb
PIN FUNCTIONS
SW (Pin 1): Switch Node Connection to Inductor. This
pin connects to the drains of the internal power MOSFET
switches.
NC (Pins 2, 4, 13, 15 DHC Package Only): No Internal
Connection. Leave these pins open.
VIN (Pin 3): Main Input Supply Pin. A ceramic bypass
capacitor should be tied between this pin and GND.
RUN (Pin 5): Run Control Input. A voltage on this pin
above 1.21V enables normal operation. Forcing this pin
below 0.7V shuts down the LTC3630, reducing quiescent
current to approximately 5μA. Optionally, connect to the
input supply through a resistor divider to set the under-
voltage lockout. An internal 2M resistor and 2μA current
source pulls this pin up to an internal 5V reference. See
Applications Information.
VPRG2, VPRG1 (Pins 6, 7): Output Voltage Selection. Short
both pins to ground for an external resistive divider pro-
grammable output voltage. Short VPRG1 to SS and short
VPRG2 to ground for a 5V output voltage. Short VPRG1 to
ground and short VPRG2 to SS for a 3.3V output voltage.
Short both pins to SS for a 1.8V output voltage.
GND (Pins 8, 14, 16, Exposed Pad Pin 17): Ground. The
exposed backside pad must be soldered to the PCB ground
plane for optimal thermal performance.
VFB (Pin 9): Output Voltage Feedback. When configured
for an adjustable output voltage, connect to an external
resistive divider to divide the output voltage down for
comparison to the 0.8V reference. For the fixed output
configuration, directly connect this pin to the output supply.
SS (Pin 10): Soft-Start Control Input. A capacitor to
ground at this pin sets the output voltage ramp time. A
50μA current initially charges the soft-start capacitor until
switching begins, at which time the current is reduced to
its nominal value of 5μA. The output voltage ramp time
from zero to its regulated value is 1ms for every 16.5nF
of capacitance from SS to GND. If left floating, the ramp
time defaults to an internal 0.8ms soft-start.
ISET (Pin 11): Peak Current Set Input and Voltage Output
Ripple Filter. A resistor from this pin to ground sets the
peak current comparator threshold. Leave floating for the
maximum peak current (1.2A typical) or short to ground
for minimum peak current (0.12A typical). The maximum
output current is one-half the peak current. The 5μA current
that is sourced out of this pin when switching, is reduced
to 1μA in sleep. Optionally, a capacitor can be placed from
this pin to GND to trade off efficiency for light load output
voltage ripple. See Applications Information.
FBO (Pin 12): Feedback Comparator Output. Connect
to the VFB pins of additional LTC3630s to combine the
output current. The typical pull-up current is 20μA. The
typical pull- down impedance is 70Ω. See Applications
Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com