Electronic Components Datasheet Search
  English  ▼

X  

LTC3565 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3565
Description  1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3565 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3565 Datasheet HTML 12Page - Linear Technology LTC3565 Datasheet HTML 13Page - Linear Technology LTC3565 Datasheet HTML 14Page - Linear Technology LTC3565 Datasheet HTML 15Page - Linear Technology LTC3565 Datasheet HTML 16Page - Linear Technology LTC3565 Datasheet HTML 17Page - Linear Technology LTC3565 Datasheet HTML 18Page - Linear Technology LTC3565 Datasheet HTML 19Page - Linear Technology LTC3565 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LTC3565
16
3565fb
APPLICATIONS INFORMATION
losses including diode conduction losses during dead-time
and inductor core losses, which generally account for less
than 2% total additional loss.
Thermal Considerations
In a majority of applications, the LTC3565 does not dis-
sipate much heat due to its high efficiency. However, in
applications where the LTC3565 is running at high ambient
temperature with low supply voltage and high duty cycles,
such as in dropout, the heat dissipated may exceed the
maximum junction temperature of the part. If the junction
temperature reaches approximately 150°C, both power
switches will be turned off and the SW node will become
high impedance.
To avoid the LTC3565 from exceeding the maximum junc-
tion temperature, the user will need to do some thermal
analysis. The goal of the thermal analysis is to determine
whether the power dissipated exceeds the maximum
junction temperature of the part. The temperature rise is
given by:
TRISE = PD • θJA
where PD is the power dissipated by the regulator and θJA
is the thermal resistance from the junction of the die to
the ambient temperature.
The junction temperature, TJ, is given by:
TJ = TRISE + TAMBIENT
As an example, consider the case when the LTC3565 is
in dropout at an input voltage of 3.3V with a load current
of 1A. From the Typical Performance Characteristics
graph of Switch Resistance, the RDS(ON) resistance of the
P-channel switch is 0.160Ω. Therefore, power dissipated
by the part is:
PD = IOUT2 • RDS(ON) = 160mW
The MSE package junction-to-ambient thermal resistance,
θJA, will be in the range of about 40°C/W. Therefore, the
junction temperature of the regulator operating in a 70°C
ambient temperature is approximately:
TJ = 0.16 • 40 + 70 = 76.4°C
Remembering that the above junction temperature is
obtained from an RDS(ON) at 25°C, we might recalculate
the junction temperature based on a higher RDS(ON) since
it increases with temperature. However, we can safely as-
sume that the actual junction temperature will not exceed
the absolute maximum junction temperature of 125°C.
Design Example
As a design example, consider using the LTC3565 in a
portable application with a Li-Ion battery. The battery pro-
vides a VIN = 2.5V to 4.2V. The load requires a maximum
of 1.25A in active mode and 10mA in standby mode. The
output voltage is VOUT = 2.5V. Since the load still needs
power in standby, Burst Mode operation is selected for
good low load efficiency.
First, calculate the timing resistor for 1MHz operation:
RT = 1.21 • 106 (103)–1.2674 = 190.8k
Use a standard value of 191k. Next, calculate the inductor
value for about 40% ripple current at maximum VIN:
L
=
2.5V
1MHz • 500mA
•1
−
2.5V
4.2V
⎛
⎝
⎜
⎞
⎠
⎟ = 2μH
Choosing the closest inductor from a vendor of 2.2μH,
results in a maximum ripple current of:
ΔIL =
2.5V
1MHz • 2.2μH
•1
−
2.5V
4.2V
⎛
⎝
⎜
⎞
⎠
⎟ = 460mA
For cost reasons, a ceramic capacitor will be used. COUT
selection is then based on load step droop instead of ESR
requirements. For a 5% output droop:
COUT ≈ 2.5
1.25A
1MHz • (5% • 2.5V)
= 25μF
The closest standard value is 22μF. Since the output
impedance of a Li-Ion battery is very low, CIN is typically
22μF. In noisy environments, decoupling SVIN from PVIN
with an R6/C8 filter of 1Ω/0.1μF may help, but is typically
not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com