Electronic Components Datasheet Search
  English  ▼

X  

LTC3418 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC3418
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC3418 Datasheet HTML 28Page - Linear Technology LTC3418 Datasheet HTML 29Page - Linear Technology LTC3418 Datasheet HTML 30Page - Linear Technology LTC3418 Datasheet HTML 31Page - Linear Technology LTC3418 Datasheet HTML 32Page - Linear Technology LTC3418 Datasheet HTML 33Page - Linear Technology LTC3418 Datasheet HTML 34Page - Linear Technology LTC3418 Datasheet HTML 35Page - Linear Technology LTC3418 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LTC3613
36
3613fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2011
LT 0712 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
RDIV1
0Ω
SVIN
PVIN
VOUT
EXTVCC
VRNG
RUN
SENSE–
SENSE+
RPGD
100k
INTVCC
RITH
20k
RT
40.2k
CSS
0.1μF
CITH1
220pF
LTC3613
RFB2
147k
CFF
22pF
RFB1
20k
COUT1
22μF
×2
L1
1.2μH
RSENSE
10mΩ
CB
0.1μF
CIN1
47μF
35V
3613 TA10
VIN
7V TO 24V
VOUT
5V
4A
CIN2
4.7μF
×2
CVCC
4.7μF
DB
TRACK/SS
ITH
RT
MODE/PLLIN
PGOOD
SGND
BOOST
SW
INTVCC
INTVCC
PGND
VOSNS
+
VOSNS
–
RVIN
2.2Ω
RF1
10Ω
RF2
10Ω
CVIN
0.1μF
CF
1000pF
CIN1: KEMET T521X476M035ATE070
DB: DIODES, INC. SDM10K45
L1: WÜRTH 744313120
+
High Frequency 5V, 4A, 1MHz Step-Down Converter
LOAD CURRENT (A)
0
50
30
40
10
20
90
100
80
70
60
3613 TA11
0.01
10
0.10
1
FORCED
CONTINUOUS
MODE
PULSE-
SKIPPING
MODE
VIN = 12V
VOUT = 5V
Efficiency
PART NUMBER DESCRIPTION
COMMENTS
LTC3602
2.5A (IOUT), 3MHz, Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN: 4.5V to 10V, VOUT(MIN) = 0.6V, IQ = 75μA, ISD <1μA,
4mm × 4mm QFN-20, TSSOP-16E Packages
LTC3608
18V, 8A (IOUT), 1MHz, Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN: 4V to 18V, VOUT(MIN) = 0.6V, IQ = 900μA, ISD <15μA,
7mm × 8mm QFN-52 Package
LTC3610
24V, 12A (IOUT), 1MHz, Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN: 4V to 24V, VOUT(MIN) = 0.6V, IQ = 900μA, ISD <15μA,
9mm × 9mm QFN-64 Package
LTC3611
32V, 10A (IOUT), 1MHz, Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN: 4V to 32V, VOUT(MIN) = 0.6V, IQ = 900μA, ISD <15μA,
9mm × 9mm QFN-64 Package
LTC3414/
LTC3416
4A (IOUT), 4MHz, Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V, IQ = 64μA, ISD <1μA,
TSSOP20E Package
LTC3415
7A (IOUT), 1.5MHz, Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 450μA, ISD <1μA,
5mm × 7mm QFN-38 Package
LTC3418
8A (IOUT), 4MHz, Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V, IQ = 380μA, ISD <1μA,
5mm × 7mm QFN-38 Package
LTM4600HV
10A Complete Switch Mode Power Supply
92% Efficiency, VIN: 4.5V to 28V, VOUT: 0.6V, True Current Mode Control,
Ultrafast Transient Response
LTM4601HV
12A Complete Switch Mode Power Supply
92% Efficiency, VIN: 4.5V to 28V, VOUT: 0.6V, True Current Mode Control,
Ultrafast Transient Response
LTM4602HV
6A Complete Switch Mode Power Supply
92% Efficiency, VIN: 4.5V to 28V, VOUT: 0.6V, True Current Mode Control,
Ultrafast Transient Response
LTM4603HV
6A Complete Switch Mode Power Supply
93% Efficiency, VIN: 4.5V to 28V, with PLL, Output Tracking and Margining



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com