Electronic Components Datasheet Search
  English  ▼

X  

LTC3838 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3838
Description  Dual, Fast, Accurate Step-Down DC/DC Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3838 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3838 Datasheet HTML 10Page - Linear Technology LTC3838 Datasheet HTML 11Page - Linear Technology LTC3838 Datasheet HTML 12Page - Linear Technology LTC3838 Datasheet HTML 13Page - Linear Technology LTC3838 Datasheet HTML 14Page - Linear Technology LTC3838 Datasheet HTML 15Page - Linear Technology LTC3838 Datasheet HTML 16Page - Linear Technology LTC3838 Datasheet HTML 17Page - Linear Technology LTC3838 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
LTC3838
14
3838fa
OPERATION (Refer to Functional Diagram)
Main Control Loop
The LTC3838 is a controlled on-time, valley current mode
step-down DC/DC dual controller with two channels
operating out of phase. Each channel drives both main
and synchronous N-channel MOSFETs. The two channels
can be either configured to two independently regulated
outputs, or combined into a single output.
The top MOSFET is turned on for a time interval determined
by a one-shot timer. The duration of the one-shot timer is
controlled to maintain a fixed switching frequency. As the
top MOSFET is turned off, the bottom MOSFET is turned
on after a small delay. The delay, or dead time, is to avoid
both top and bottom MOSFETs being on at the same time,
causing shoot-through current from VIN directly to power
ground. The next switching cycle is initiated when the cur-
rent comparator, ICMP, senses that inductor current falls
below the trip level set by voltages at the ITH and VRNG
pins. The bottom MOSFET is turned off immediately and
the top MOSFET on again, restarting the one-shot timer
and repeating the cycle. In order to avoid shoot-through
current, there is also a small dead-time delay before the
top MOSFET turns on. At this moment, the inductor cur-
rent hits its “valley” and starts to rise again.
Inductor current is determined by sensing the voltage
between SENSE+ and SENSE–, either by using an explicit
resistor connected in series with the inductor or by implic-
itly sensing the inductor’s DC resistive (DCR) voltage drop
through an RC filter connected across the inductor. The
trip level of the current comparator, ICMP, is proportional
to the voltage at the ITH pin, with a zero-current threshold
corresponding to an ITH voltage of around 0.8V.
The error amplifier (EA) adjusts this ITH voltage by com-
paring the feedback signal to the internal 0.6V reference
voltage. On Channel 1, the difference amplifier (DIFFAMP)
converts the differential feedback signal (VOUTSENSE1+ –
VOUTSENSE1–) to a single-ended input for the EA; Channel 2
uses VFB2 directly with respect to SGND. Output voltage is
regulated so that the feedback voltage is equal to the internal
0.6V reference. If the load current increases/decreases, it
causes a momentary drop/rise in the differential feedback
voltage relative to the reference. The EA then moves ITH
voltage, or inductor valley current setpoint, higher/lower
until the average inductor current again matches the load
current, so that the output voltage comes back to the
regulated voltage.
The LTC3838 features a detect transient (DTR) pin to detect
“load-release”, or a transient where the load current sud-
denly drops, by monitoring the first derivative of the ITH
voltage. When detected, the bottom gate (BG) is turned
off and inductor current flows through the body diode
in the bottom MOSFET, allowing the SW node voltage to
drop below PGND by the body diode’s forward-conduction
voltage. This creates a more negative differential voltage
(VSW – VOUT) across the inductor, allowing the inductor
current to drop faster to zero, thus creating less overshoot
on VOUT. See Load-Release Transient Detection in Applica-
tions Information for details.
Differential Output Sensing
This dual controller’s first channel features differential
output voltage sensing. The output voltage is resistively
divided externally to create a feedback voltage for the con-
troller. The internal difference amplifier (DIFFAMP) senses
this feedback voltage with respect to the output’s remote
ground reference to create a differential feedback voltage.
This scheme eliminates any ground offsets between local
ground and remote output ground, resulting in a more
accurate output voltage. Channel 1 allows remote output
ground to deviate as much as ±500mV with respect to
local ground (SGND).
DRVCC/EXTVCC/INTVCC Power
DRVCC1,2 are the power for the bottom MOSFET drivers.
Normally the two DRVCC pins are shorted together on
the PCB, and decoupled to PGND with a minimum 4.7μF
ceramic capacitor, CDRVCC. The top MOSFET drivers are
biased from the floating bootstrap capacitors (CB1,2)
which are recharged during each cycle through an external
Schottky diode when the top MOSFET turns off and the
SW pin swings down.
The DRVCC can be powered on two ways: an internal low-
dropout (LDO) linear voltage regulator that is powered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com