Electronic Components Datasheet Search
  English  ▼

X  

LTC3586 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3586
Description  7-Channel Confi gurable High Power PMIC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 5 Page - Linear Technology

  LTC3586 Datasheet HTML 1Page - Linear Technology LTC3586 Datasheet HTML 2Page - Linear Technology LTC3586 Datasheet HTML 3Page - Linear Technology LTC3586 Datasheet HTML 4Page - Linear Technology LTC3586 Datasheet HTML 5Page - Linear Technology LTC3586 Datasheet HTML 6Page - Linear Technology LTC3586 Datasheet HTML 7Page - Linear Technology LTC3586 Datasheet HTML 8Page - Linear Technology LTC3586 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LTC3675
5
3675fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFB3,4(HIGH)
Feedback Regulation Voltage
Pulse-Skipping Mode Full-Scale (1,1,1,1)
l
780
800
820
mV
VFB3,4(LOW)
Feedback Regulation Voltage
Pulse-Skipping Mode Full-Scale (0,0,0,0)
l
405
425
445
mV
VLSB3,4
FB3, FB4 Regulation Voltage Step Size
25
mV
IFB3,4
Feedback Leakage Current
VFB3 = VFB4 = 0.85V
–50
50
nA
DMAX3,4
Maximum Duty Cycle
VFB3 = VFB4 = 0V
l
100
%
RPMOS3,4
PMOS On-Resistance
ISW3 = ISW4 = 100mA
500
mΩ
RNMOS3,4
NMOS On-Resistance
ISW3 = ISW4 = –100mA
510
mΩ
ILEAKP3,4
PMOS Leakage Current
EN3 = EN4 = 0
–1
1
μA
ILEAKN3,4
NMOS Leakage Current
EN3 = EN4 = 0
–1
1
μA
RSWPD3,4
Output Pull-Down Resistance in Shutdown
EN3 = EN4 = 0 (I2C Bit Set)
10
kΩ
tSS3,4
Soft-Start Time
500
μs
Buck Regulators Combined
IFWD1+2
PMOS Current Limit
FB2 = VIN (Note 6)
5.6
A
IFWD2+3
PMOS Current Limit
FB3 = VIN (Note 6)
4
A
IFWD3+4
PMOS Current Limit
FB4 = VIN (Note 6)
2.4
A
1A Boost Regulator
IVIN5
PWM Mode
Burst Mode Operation
VFB5 = 0.85V (Notes 4, 5)
VFB5 = 0.85V (Notes 4, 5)
150
35
300
60
μA
μA
VOUT5(MAX)
Maximum Regulated Output Voltage
5.35
5.55
5.75
V
IFWD5
Forward Current Limit
(Note 6)
2.5
3.15
3.9
A
VFB5(HIGH)
Feedback Regulation Voltage
PWM Mode Full-Scale (1,1,1,1)
l
780
800
820
mV
VFB5(LOW)
Feedback Regulation Voltage
PWM Mode Full-Scale (0,0,0,0)
l
405
425
445
mV
VLSB5
FB5 Regulation Voltage Step Size
25
mV
IFB5
Feedback Leakage Current
VFB5 = 0.85V
–50
50
nA
DCMAX5
Maximum Duty Cycle
NMOS Switch
90
%
RPMOS5
PMOS On-Resistance
260
mΩ
RNMOS5
NMOS On-Resistance
275
mΩ
ILEAKP
PMOS Switch Leakage Current
–2
2
μA
ILEAKN
NMOS Switch Leakage Current
–2
2
μA
ROUTPD5
Output Pull-Down Resistance in Shutdown
Boost Regulator Off
10
kΩ
tSS5
Soft-Start Time
500
μs
1A Buck-Boost Regulator
IVIN6
PWM Mode
Burst Mode Operation
VFB6 = 0.85V (Note 4, 5)
VFB6 = 0.85V(Note 4, 5)
220
20
400
40
μA
μA
VOUT6(LOW)
Minimum Regulated Output Voltage
2.65
2.8
V
VOUT6(HIGH)
Maximum Regulated Output Voltage
5.25
5.65
V
IFWD6
Forward Current Limit
PWM Mode (Note 6)
2.1
2.65
3.2
A
IPEAK6
Peak Current Limit
Burst Mode Operation (Note 6)
200
275
350
mA
IZERO6
Zero Current Limit
Burst Mode Operation
–30
0
30
mA
VFB6(HIGH)
Feedback Regulation Voltage
PWM Mode Full-Scale (1,1,1,1)
l
780
800
820
mV
VFB6(LOW)
Feedback Regulation Voltage
PWM Mode Full-Scale (0,0,0,0)
l
405
425
445
mV
VLSB6
FB6 Regulation Voltage Step Size
25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com