Electronic Components Datasheet Search
  English  ▼

X  

LT3682 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3682
Description  High Efficiency, 65V 500mA Synchronous
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3682 Datasheet(HTML) 3 Page - Linear Technology

  LT3682 Datasheet HTML 1Page - Linear Technology LT3682 Datasheet HTML 2Page - Linear Technology LT3682 Datasheet HTML 3Page - Linear Technology LT3682 Datasheet HTML 4Page - Linear Technology LT3682 Datasheet HTML 5Page - Linear Technology LT3682 Datasheet HTML 6Page - Linear Technology LT3682 Datasheet HTML 7Page - Linear Technology LT3682 Datasheet HTML 8Page - Linear Technology LT3682 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC3630
3
3630fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply (VIN)
VIN
Input Voltage Operating Range
4
65
V
VOUT
Output Voltage Operating Range
0.8
VIN
V
UVLO
VIN Undervoltage Lockout
VIN Rising
VIN Falling
Hysteresis
l
l
3.45
3.30
3.65
3.5
150
3.85
3.70
V
V
mV
IQ
DC Supply Current (Note 5)
Active Mode
Sleep Mode
Shutdown Mode
No Load
VRUN = 0V
165
12
5
270
20
10
μA
μA
μA
VRUN
RUN Pin Threshold Voltage
RUN Rising
RUN Falling
Hysteresis
1.17
1.06
1.21
1.10
110
1.25
1.14
V
V
mV
Output Supply (VFB)
VFB(ADJ)
Feedback Comparator Threshold Voltage
(Adjustable Output)
VFB Rising, VPRG1 = VPRG2 = 0V
LTC3630E, LTC3630I
LTC3630H, LTC3630MP
l
l
0.792
0.788
0.800
0.800
0.808
0.812
V
V
VFBH
Feedback Comparator Hysteresis
(Adjustable Output)
VFB Falling, VPRG1 = VPRG2 = 0V
l
2.5
5
7
mV
IFB
Feedback Pin Current
VFB = 1V, VPRG1 = 0V, VPRG2 = 0V
–10
0
10
nA
VFB(FIXED)
Feedback Comparator Threshold Voltages
(Fixed Output)
VFB Rising, VPRG1 = SS, VPRG2 = 0V
VFB Falling, VPRG1 = SS, VPRG2 = 0V
l
l
4.940
4.910
5.015
4.985
5.090
5.060
V
V
VFB Rising, VPRG1 = 0V, VPRG2 = SS
VFB Falling, VPRG1 = 0V, VPRG2 = SS
l
l
3.260
3.240
3.310
3.290
3.360
3.340
V
V
VFB Rising, VPRG1 = VPRG2 = SS
VFB Falling, VPRG1 = VPRG2 = SS
l
l
1.780
1.770
1.810
1.8
1.840
1.83
V
V
ΔVLINEREG
Feedback Voltage Line Regulation
VIN = 4V to 65V
0.001
%/V
Operation
IPEAK
Peak Current Comparator Threshold
ISET Floating
100k Resistor from ISET to GND
ISET Shorted to GND
l
l
l
1
0.45
0.09
1.2
0.6
0.12
1.4
0.75
0.15
A
A
A
RON
Power Switch On-Resistance
Top Switch
Bottom Switch
ISW = –200mA
ISW = 200mA
1.00
0.53
Ω
Ω
ILSW
Switch Pin Leakage Current
RUN = Open, VIN = 65V, SW = 0V
0.1
1
μA
ISS
Soft-Start Pin Pull-Up Current
VSS < 2.5V
3
5
6
μA
tINT(SS)
Internal Soft-Start Time
SS Pin Floating
0.8
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3630 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3630E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3630I is guaranteed
over the –40°C to 125°C operating junction temperature range, the
LTC3630H is guaranteed over the –40°C to 150°C operating junction
temperature range and the LTC3630MP is tested and guaranteed over the
–55°C to 150°C operating junction temperature range.
High junction temperatures degrade operating lifetimes; operating lifetime
is derated for junction temperatures greater than 125°C. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal impedance and other environmental
factors.
Note 3: The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA, in °C) and power dissipation (PD, in Watts) according to
the formula:
TJ = TA + (PD • θJA)
where θJA is 43°C/W for the DFN or 45°C/W for the MSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com