Electronic Components Datasheet Search
  English  ▼

X  

LTC3531 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3531
Description  High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3531 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3531 Datasheet HTML 4Page - Linear Technology LTC3531 Datasheet HTML 5Page - Linear Technology LTC3531 Datasheet HTML 6Page - Linear Technology LTC3531 Datasheet HTML 7Page - Linear Technology LTC3531 Datasheet HTML 8Page - Linear Technology LTC3531 Datasheet HTML 9Page - Linear Technology LTC3531 Datasheet HTML 10Page - Linear Technology LTC3531 Datasheet HTML 11Page - Linear Technology LTC3531 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC3780
8
3780fe
Oscillator Frequency
vs Temperature
Undervoltage Reset
vs Temperature
Minimum Current Sense
Threshold vs Duty Factor (Buck)
Maximum Current Sense
Threshold vs Duty Factor (Boost)
Maximum Current Sense
Threshold vs Duty Factor (Buck)
Minimum Current Sense
Threshold vs Temperature
Peak Current Threshold
vs VITH (Boost)
Valley Current Threshold
vs VITH (Buck)
Current Foldback Limit
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–75 –50
0
50
150
200
250
50
450
3780 G19
100
0
–25
75
100
25
125
300
350
400
VPLLFLTR = 2.4V
VPLLFLTR = 1.2V
VPLLFLTR = 0V
TEMPERATURE (°C)
–75 –50 –25
3.0
3.4
4.2
4.0
0
50
75
3780 G20
3.2
3.8
3.6
25
100 125
DUTY FACTOR (%)
–80
–60
–40
–20
80
60
40
20
3780 G21
0
100
DUTY FACTOR (%)
0
140
160
80
3780 G22
120
100
20
40
60
100
180
DUTY FACTOR (%)
110
120
130
140
20
40
60
80
3780 G23
100
0
TEMPERATURE (°C)
–75 –50
50
100
200
25
75
3780 G24
0
–50
–25
0
50
100 125
–100
–150
150
BOOST
BUCK
VITH (V)
0
–100
–50
0
50
100
200
0.4
0.8
1.2
1.6
3780 G25
1.8
2.4
150
VITH (V)
0
–150
–100
–50
0
50
100
0.4
0.8
1.2
1.6
3780 G26
2.0
2.4
VOSENSE (V)
0
0
40
80
120
160
200
BUCK
BOOST
0.2
0.4
0.6
3780 G32
0.8
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com