Electronic Components Datasheet Search
  English  ▼

X  

LTC3860 Datasheet(PDF) 45 Page - Linear Technology

Part # LTC3860
Description  Dual, Fast, Accurate Step-Down DC/DC Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3860 Datasheet(HTML) 45 Page - Linear Technology

Back Button LTC3860 Datasheet HTML 41Page - Linear Technology LTC3860 Datasheet HTML 42Page - Linear Technology LTC3860 Datasheet HTML 43Page - Linear Technology LTC3860 Datasheet HTML 44Page - Linear Technology LTC3860 Datasheet HTML 45Page - Linear Technology LTC3860 Datasheet HTML 46Page - Linear Technology LTC3860 Datasheet HTML 47Page - Linear Technology LTC3860 Datasheet HTML 48Page - Linear Technology LTC3860 Datasheet HTML 49Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
LTC3838
45
3838fa
from cycle to cycle in a well designed, low noise PCB
implementation. Variation in the phase of SW node pulse
can suggest noise pickup at the current or voltage sensing
inputs or inadequate loop compensation. Overcompensa-
tion of the loop can be used to tame a poor PCB layout if
regulator bandwidth optimization is not required.
Pay special attention to the region of operation when one
controller channel is turning on (right after its current
comparator trip point) while the other channel is turning
off its top MOSFET at the end of its on-time. This may
cause minor phase-lock jitter at either channel due to
noise coupling.
Reduce VIN from its nominal level to verify operation of
the regulator in dropout. Check the operation of the un-
dervoltage lockout circuit by further lowering VIN while
monitoring the outputs to verify operation.
Investigate whether any problems exist only at higher out-
put currents or only at higher input voltages. If problems
coincide with high input voltages and low output currents,
look for capacitive coupling between the BOOST, SW, TG,
and possibly BG connections and the sensitive voltage
and current pins.
APPLICATIONS INFORMATION
The capacitor placed across the current sensing pins needs
to be placed immediately adjacent to the pins of the IC.
This capacitor helps to minimize the effects of differential
noise injection due to high frequency capacitive coupling.
If problems are encountered with high current output
loading at lower input voltages, look for inductive coupling
between CIN, top and bottom MOSFET components to the
sensitive current and voltage sensing traces.
In addition, investigate common ground path voltage pickup
between these components and the SGND pin of the IC.
High Switching Frequency Operation
At high switching frequencies there may be an increased
sensitivity to noise. Special care may need to be taken to
prevent cycle-by-cycle instability and/or phase-lock jitter.
First, carefully follow the recommended layout techniques
to reduce coupling from the high switching voltage/current
traces. Additionally, use low ESR and low impedance X5R
or X7R ceramic input capacitors: up to 5μF per Ampere of
load current may be needed. If necessary, increase ripple
sense voltage by increasing sense resistance value and
VRNG setting, to improve noise immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com