Electronic Components Datasheet Search
  English  ▼

X  

LTC3856 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3856
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3856 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3856 Datasheet HTML 28Page - Linear Technology LTC3856 Datasheet HTML 29Page - Linear Technology LTC3856 Datasheet HTML 30Page - Linear Technology LTC3856 Datasheet HTML 31Page - Linear Technology LTC3856 Datasheet HTML 32Page - Linear Technology LTC3856 Datasheet HTML 33Page - Linear Technology LTC3856 Datasheet HTML 34Page - Linear Technology LTC3856 Datasheet HTML 35Page - Linear Technology LTC3856 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
LTC3839
32
3839fa
APPLICATIONS INFORMATION
response test point. The DC step, rise time and settling
at this test point truly reflects the closed-loop response.
Assuming a predominantly 2nd order system, phase
margin and/or damping factor can be estimated using the
percentage of overshoot seen at this pin.
The external series RITH-CITH1 filter at the ITH pin sets the
dominant pole-zero loop compensation. The values can
be adjusted to optimize transient response once the final
PCB layout is done and the particular output capacitor type
and value have been determined. The output capacitors
need to be selected first because their various types and
values determine the loop feedback factor gain and phase.
An additional small capacitor, CITH2, can be placed from
the ITH pin to SGND to attenuate high frequency noise.
Note this CITH2 contributes an additional pole in the loop
gain therefore can affect system stability if too large. It
should be chosen so that the added pole is higher than
the loop bandwidth by a significant margin.
The regulator loop response can also be checked by
looking at the load transient response. An output current
pulse of 20% to 100% of full-load current having a rise
time of 1μs to 10μs will produce VOUT and ITH voltage
transient-response waveforms that can give a sense of the
overall loop stability without breaking the feedback loop.
For a detailed explanation of OPTI-LOOP compensation,
refer to Application Note 76.
Switching regulators take several cycles to respond to
a step in load current. When a load step occurs, VOUT
immediately shifts by an amount equal to
∆ILOAD • ESR,
where ESR is the effective series resistance of COUT.∆ILOAD
also begins to charge or discharge COUT, generating a
feedback error signal used by the regulator to return VOUT
to its steady-state value. During this recovery time, VOUT
can be monitored for overshoot or ringing that would
indicate a stability problem.
Connecting a resistive load in series with a power MOSFET,
then placing the two directly across the output capacitor
and driving the gate with an appropriate signal generator
is a practical way to produce a realistic load step condi-
tion. The initial output voltage step resulting from the step
change in load current may not be within the bandwidth
of the feedback loop, so it cannot be used to determine
phase margin. The output voltage settling behavior is more
related to the stability of the closed-loop system. However,
it is better to look at the filtered and compensated feedback
loop response at the ITH pin.
The gain of the loop increases with the RITH and the band-
width of the loop increases with decreasing CITH1. If RITH
is increased by the same factor that CITH1 is decreased, the
zero frequency will be kept the same, thereby keeping the
phase the same in the most critical frequency range of the
feedback loop. In addition, a feedforward capacitor, CFF,
can be added to improve the high frequency response, as
shown in Figure 1. Capacitor CFF provides phase lead by
creating a high frequency zero with RFB2 which improves
the phase margin.
A more severe transient can be caused by switching in
loads with large supply bypass capacitors. The discharged
bypass capacitors of the load are effectively put in parallel
with the converter’s COUT, causing a rapid drop in VOUT.
No regulator can deliver current quick enough to prevent
this sudden step change in output voltage, if the switch
connecting the COUT to the load has low resistance and is
driven quickly. The solution is to limit the turn-on speed of
the load switch driver. Hot Swap™ controllers are designed
specifically for this purpose and usually incorporate current
limiting, short-circuit protection and soft starting.
Load-Release Transient Detection
As the output voltage requirement of step-down switching
regulators becomes lower, VIN to VOUT step-down ratio
increases, and load transients become faster, a major
challenge is to limit the overshoot in VOUT during a fast
load current drop, or “load-release” transient.
Inductor current slew rate diL/dt = VL/L is proportional
to voltage across the inductor VL = VSW – VOUT. When
the top MOSFET is turned on, VL = VIN – VOUT, inductor
current ramps up. When bottom MOSFET turns on, VL =
VSW – VOUT = –VOUT, inductor current ramps down. At
very low VOUT, the low differential voltage, VL, across the
inductor during the ramp down makes the slew rate of the
inductor current much slower than needed to follow the
load current change. The excess inductor current charges
up the output capacitor, which causes overshoot at VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com