Electronic Components Datasheet Search
  English  ▼

X  

LTC4444 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4444
Description  High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4444 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4444 Datasheet HTML 12Page - Linear Technology LTC4444 Datasheet HTML 13Page - Linear Technology LTC4444 Datasheet HTML 14Page - Linear Technology LTC4444 Datasheet HTML 15Page - Linear Technology LTC4444 Datasheet HTML 16Page - Linear Technology LTC4444 Datasheet HTML 17Page - Linear Technology LTC4444 Datasheet HTML 18Page - Linear Technology LTC4444 Datasheet HTML 19Page - Linear Technology LTC4444 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC3780
16
3780fe
APPLICATIONS INFORMATION
Figure 11 is a basic LTC3780 application circuit. External
component selection is driven by the load requirement,
and begins with the selection of RSENSE and the inductor
value. Next, the power MOSFETs are selected. Finally, CIN
and COUT are selected. This circuit can be configured for
operation up to an input voltage of 36V.
Selection of Operation Frequency
The LTC3780 uses a constant frequency architecture and
has an internal voltage controlled oscillator. The switching
frequency is determined by the internal oscillator capacitor.
This internal capacitor is charged by a fixed current plus
an additional current that is proportional to the voltage
applied to the PLLFLTR pin. The frequency of this oscillator
can be varied over a 2-to-1 range. The PLLFLTR pin can
be grounded to lower the frequency to 200kHz or tied to
2.4V to yield approximately 400kHz. When PLLIN is left
open, the PLLFLTR pin goes low, forcing the oscillator to
minimum frequency.
A graph for the voltage applied to the PLLFLTR pin vs
frequency is given in Figure 7. As the operating frequency
is increased the gate charge losses will be higher, reducing
efficiency. The maximum switching frequency is approxi-
mately 400kHz.
Inductor Selection
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use of
smaller inductor and capacitor values. The inductor value
has a direct effect on ripple current. The inductor current
ripple
∆IL is typically set to 20% to 40% of the maximum
inductor current at boost mode VIN(MIN). For a given ripple
the inductance terms in continuous mode are as follows:
L
VV
V
I
BOOST
IN MIN
OUT
IN MIN
OUT
>
()
()
()
(
2
100
ƒ
M
MAX
OUT
BUCK
OUT
IN MAX
O
Ripple V
H
L
VV
V
)
()
,
2
>
U
UT
OUT MAX
IN MAX
I
Ripple V
H
()
()
()
100
ƒ
where:
f is operating frequency, Hz
% Ripple is allowable inductor current ripple, %
VIN(MIN) is minimum input voltage, V
VIN(MAX) is maximum input voltage, V
VOUT is output voltage, V
IOUT(MAX) is maximum output load current
For high efficiency, choose an inductor with low core loss,
such as ferrite and molypermalloy (from Magnetics, Inc.).
Also, the inductor should have low DC resistance to reduce
the I2R losses, and must be able to handle the peak inductor
current without saturating. To minimize radiated noise,
use a toroid, pot core or shielded bobbin inductor.
RSENSE Selection and Maximum Output Current
RSENSE is chosen based on the required output current.
The current comparator threshold sets the peak of the
inductor current in boost mode and the maximum inductor
valley current in buck mode. In boost mode, the maximum
average load current at VIN(MIN) is:
I
mV
R
I
V
OUT MAX BOOST
SENSE
L
IN
(,
)
(
=
⎛
⎝⎜
⎞
⎠⎟
160
2
Δ
M
MIN
OUT
V
)
PLLFLTR PIN VOLTAGE (V)
0
0
50
150
200
250
1
2
2.5
450
3780 F07
100
0.5
1.5
300
350
400
Figure 7. Frequency vs PLLFLTR Pin Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com