Electronic Components Datasheet Search
  English  ▼

X  

LTC4089 Datasheet(PDF) 37 Page - Linear Technology

Part # LTC4089
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089 Datasheet(HTML) 37 Page - Linear Technology

Back Button LTC4089 Datasheet HTML 33Page - Linear Technology LTC4089 Datasheet HTML 34Page - Linear Technology LTC4089 Datasheet HTML 35Page - Linear Technology LTC4089 Datasheet HTML 36Page - Linear Technology LTC4089 Datasheet HTML 37Page - Linear Technology LTC4089 Datasheet HTML 38Page - Linear Technology LTC4089 Datasheet HTML 39Page - Linear Technology LTC4089 Datasheet HTML 40Page - Linear Technology LTC4089 Datasheet HTML 41Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
LTC4155
37
4155fc
Table 15. USB On-The-Go ID Pin Detection
USB On-The-Go ID PIN DETECTION
REG3
SUB ADDRESS
0x03
ID_PIN_DETECT
DIRECTION
Read
ID PIN STATUS
D7
D6
D5
D4
D3
D2
D1
D0
No Detection
0
ID Pin Shorted to
GND*
1
*LOCKOUT_ID_PIN has no effect on pin detection.
Table 16. USB On-The-Go Enabled Status
USB On-The-Go ENABLED STATUS
REG3
SUB ADDRESS
0x03
OTG_ENABLED
DIRECTION
Read
STEP-UP REGULATOR
STATUS
D7
D6
D5
D4
D3
D2
D1
D0
Step-Up Switching
Regulator Inactive
0
Step-Up Switching
Regulator Active
1
Table 17. NTC Thermistor Status Report
NTC THERMISTOR STATUS REPORT
REG3
SUB ADDRESS
0x03
NTCSTAT[1:0]
DIRECTION
Read
NTC THERMISTOR
STATUS
D7
D6
D5
D4
D3
D2
D1
D0
NTC Normal
0
0
NTC_TOO_COLD
0
1
NTC_TOO_WARM
1
0
NTC_HOT_FAULT
1
1
Table 18. Low Battery Detection
LOW BATTERY DETECTION
REG3
SUB ADDRESS
0x03
LOWBAT
DIRECTION
Read
BATTERY VOLTAGE
STATUS
D7
D6
D5
D4
D3
D2
D1
D0
Normal
0
Low Cell Voltage*
1
*Low cell voltage is only meaningful when input (WALL or USB) power
is available and the battery charger is enabled, or when automatic or
manual enable of the step-up regulator has been requested.
Table 19. External Power (Wall or USB) Available
EXTERNAL POWER (WALL OR USB) AVAILABLE
REG4
SUB ADDRESS
0x04
EXT_PWR_GOOD
DIRECTION
Read
POWER AVAILABLE
STATUS
D7
D6
D5
D4
D3
D2
D1
D0
Battery Power
Only
0
External Power
Available*
1
*Never true when On-The-Go step-up converter is active.
Table 20. USB Input Voltage Valid
USB INPUT VOLTAGE VALID
REG4
SUB ADDRESS
0x04
USBSNS_GOOD
DIRECTION
Read
USBSNS STATUS
D7
D6
D5
D4
D3
D2
D1
D0
USBSNS Voltage
Invalid
0
USBSNS Voltage
Valid*
1
*Will be true with applied input voltage within valid range or On-The-Go
in regulation.
Table 21. WALL Input Voltage Valid
WALL INPUT VOLTAGE VALID
REG4
SUB ADDRESS
0x04
WALLSNS_GOOD
DIRECTION
Read
WALLSNS STATUS
D7
D6
D5
D4
D3
D2
D1
D0
WALLSNS Voltage
Invalid
0
WALLSNS Voltage
Valid
1
Table 22. Input Current Limit Status
INPUT CURRENT LIMIT STATUS
REG4
SUB ADDRESS
0x04
AT_INPUT_ILIM
DIRECTION
Read
INPUT CURRENT
LIMIT STATUS
D7
D6
D5
D4
D3
D2
D1
D0
Input Current Limit Inactive
0
Input Current Limit Active
1
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com