Electronic Components Datasheet Search
  English  ▼

X  

LTC4098 Datasheet(PDF) 43 Page - Linear Technology

Part # LTC4098
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098 Datasheet(HTML) 43 Page - Linear Technology

Back Button LTC4098 Datasheet HTML 39Page - Linear Technology LTC4098 Datasheet HTML 40Page - Linear Technology LTC4098 Datasheet HTML 41Page - Linear Technology LTC4098 Datasheet HTML 42Page - Linear Technology LTC4098 Datasheet HTML 43Page - Linear Technology LTC4098 Datasheet HTML 44Page - Linear Technology LTC4098 Datasheet HTML 45Page - Linear Technology LTC4098 Datasheet HTML 46Page - Linear Technology LTC4098 Datasheet HTML 47Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
LTC4155
43
4155fc
The generalized form of the NTC equations provided in
the Operations section are included above to facilitate
interpretation of the thermistor analog to digital converter
results using the custom bias network. If only RBIAS was
modified, let αTEMP_RANGE = 0.
Choosing the Input Multiplexer/Overvoltage
Protection MOSFETs
The LTC4155 contains an internal charge pump voltage
doubler to drive N-channel MOSFETS via the USBGT and
WALLGT pins. The gate-source voltage available to drive
the input multiplexer/protection FETS is approximately
equal to the input voltage, typically 4V to 6V. To ensure
that the FET channels are sufficiently enhanced to provide
a low resistance conduction path, the FET threshold volt-
age should be less than approximately 2.5V. Total gate
leakage current should be below 1μA to guarantee ample
charge pump output voltage. The gate oxide breakdown
voltage should be higher than 7V. The FET RDS(ON) will
negatively impact the switching regulator and battery
charger efficiency at high current levels. With two protec-
tion FETs in series (MN1 and MN3, MN2 and MN4), the
total resistance is the sum of the individual RDS(ON)s. This
combined resistance should be negligible compared to the
typical 80mΩ to 90mΩ resistance of the LTC4155 internal
switches for maximum performance. The drain breakdown
voltage of devices MN1 and MN2 must be appropriate for
the level of overvoltage protection desired. The drains will
be exposed to the full magnitude of applied input voltage.
The drains of devices MN3 and MN4 are exposed only to
the operating voltage range of the LTC4155. Therefore
the drain breakdown voltage of devices MN3 and MN4
should be rated for at least 7V. Table 36 lists several suit-
able N-channel transistors. Transistors with lower BVDSS
may be appropriate for devices MN3 and MN4 if reverse
protection is not required. Note that resistors R1 and R2
must also be sized appropriately for power dissipation
based on the level of overvoltage protection desired, as
explained in the Operation section.
Table 36. Recommended N-Channel Input Multiplexer MOSFETs
MANUFACTURER
PART
NUMBER
RDS(ON)
(mΩ)
VT (V)
BVDSS (V)
Fairchild
FDMC8651
4.3
1.1
30
Fairchild
FDMC8030
10.7
2.8
40
Vishay
Si7938DP
5.6
2.5
40
APPLICATIONS INFORMATION
αT = κSPAN
•NTCVAL
+κOFFSET
1
−κSPAN •NTCVAL – κOFFSET
⎡
⎣
⎢
⎤
⎦
⎥αBIAS −αTEMP_RANGE
T
=
β
ln
κSPAN •NTCVAL +κOFFSET
1
−κSPAN •NTCVAL – κOFFSET
⎡
⎣
⎢
⎤
⎦
⎥αBIAS −αTEMP_RANGE
⎛
⎝
⎜
⎞
⎠
⎟+ β
T0
Figure 10. Dual-Input Overvoltage Protection
Alternate Input Power Configurations
For applications requiring only a single input, the external
circuit required for overvoltage protection is considerably
simplified. Only a single N-channel MOSFET and resistor
are required for positive voltage protection, as shown in
Figure 11, and OVGCAP may be left unconnected. Applica-
tions using the USB On-The-Go step-up regulator should
connect R1 to USBSNS and the gate of MN1 to USBGT.
Applications not using USB On-The-Go may use either the
USBSNS/USBGT pins or the WALLSNS/WALLGT pins. The
unused pins may be left unconnected.
For dual-input applications requiring reverse-voltage
protection, no additional power transistors are required.
The circuit in Figure 12 provides positive protection up to
VBUS
TO USB
INPUT
TO WALL
INPUT
OVGCAP
USBGT
USBSNS
WALLGT
LTC4155
WALLSNS
4155 F10
MN1
R1
R2
MN3
MN2
MN4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com